Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA800 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MA800
Description  8-Bit Contactless Angle Encoder with Push Button Function
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MA800 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MA800 Datasheet HTML 1Page - Monolithic Power Systems MA800 Datasheet HTML 2Page - Monolithic Power Systems MA800 Datasheet HTML 3Page - Monolithic Power Systems MA800 Datasheet HTML 4Page - Monolithic Power Systems MA800 Datasheet HTML 5Page - Monolithic Power Systems MA800 Datasheet HTML 6Page - Monolithic Power Systems MA800 Datasheet HTML 7Page - Monolithic Power Systems MA800 Datasheet HTML 8Page - Monolithic Power Systems MA800 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
MA800 – 8-BIT, DIGITAL ANGLE SENSOR
MA800 Rev. 1.02
www.MonolithicPower.com
5
6/15/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
GENERAL CHARACTERISTICS
VDD = 3.3V, 45mT < B < 100mT, temp = -40°C to +125°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
Resolution
Effective resolution
3σ deviation of the noise
distribution
8
bit
Noise rms
0.005
0.01
0.02
deg
Refresh rate
850
980
1100
kHz
Data output length
8
8
bit
Response Time
Power-up time
(4)
20
ms
Latency
(5)
Constant speed propagation
delay
4
ms
Filter cutoff frequency
(4)
Fcutoff
90
Hz
Accuracy
INL at 25°C
At room temperature over the full
field range
0.7
deg
INL between -40°C to +125°C
(5)
Over the full temperature range
and field range
1.1
deg
Output Drift
Temperature induced drift at
room temperature
(5)
0.015
0.04
deg/°C
Temperature induced variation
(5)
From 25°C to 85°C
0.5
1.2
deg
From 25°C to 125°C
1.0
2.1
deg
Magnetic field induced
(5)
0.005
deg/mT
Voltage supply induced
(5)
0.3
deg/V
Magnetic Field Detection Thresholds
Accuracy
(5)
5
mT
Hysteresis
(5)
MagHys
6
mT
Temperature drift
(5)
-600
ppm/°C
Digital I/O
Input high voltage
VIH
2.5
5.5
V
Input low voltage
VIL
-0.3
0.8
V
Output low voltage
(5)
VOL
VOL = 4mA
0.4
V
Output high voltage
(5)
VOH
VOH = 4mA
2.4
V
Pull-up resistor
RPU
46
66
97
k
Ω
Pull-down resistor
RPD
43
55
97
k
Ω
Rising edge slew rate
(4)
TR
CL = 50pF
0.7
V/ns
Falling edge slew rate
(4)
TF
CL = 50pF
0.7
V/ns
NOTES:
4)
Guaranteed by design.
5)
Guaranteed by characteristic test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com