Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA800 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MA800
Description  8-Bit Contactless Angle Encoder with Push Button Function
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MA800 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MA800 Datasheet HTML 1Page - Monolithic Power Systems MA800 Datasheet HTML 2Page - Monolithic Power Systems MA800 Datasheet HTML 3Page - Monolithic Power Systems MA800 Datasheet HTML 4Page - Monolithic Power Systems MA800 Datasheet HTML 5Page - Monolithic Power Systems MA800 Datasheet HTML 6Page - Monolithic Power Systems MA800 Datasheet HTML 7Page - Monolithic Power Systems MA800 Datasheet HTML 8Page - Monolithic Power Systems MA800 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
MagAlpha MA800
8-Bit Contactless Angle Encoder with
Push Button Function
MA800 Rev. 1.02
www.MonolithicPower.com
1
6/15/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
DESCRIPTION
The MA800 is an easy-to-use, magnetic, angle
encoder with a digital output designed to
replace
analogic
potentiometers
or
rotary
switches. The MA800 is designed for slow
operation such as human-machine interface,
manual controls, etc. where the rotating speed
remains below 200 rpm. The sensor detects the
absolute angular position of a permanent
magnet attached to a rotating shaft.
The magnet shapes and configurations are very
flexible. Typically, the MA800 is used with a
diametrically magnetized cylinder of 2 - 8mm in
diameter.
The MA800 features programmable magnetic
field strength thresholds, which allow for the
implementation of a push or pull button function.
These are output as two logic signals.
On-chip non-volatile memory provides storage
for the configuration parameters, including the
reference zero angle position and magnetic
field detection threshold settings.
FEATURES
 8-Bit Resolution Absolute Angle Encoder
 Contactless Sensing for Long Life with No
Wear
 SPI and SSI Serial Interface
 Programmable Magnetic Field Strength
Detection for Push/Pull Button Detection
 3.3V, 12mA Supply
 -40 to +125°C Operating Temperature
 Available
in
a
QFN-16
(3mmx3mm)
Package
APPLICATIONS
 Rotary Knob Control Interfaces
 Manual Controls
 Encoders
 Automotive
 White Goods
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive. For
MPS green status, please visit the MPS website under Quality Assurance.
“MPS”
and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION


Similar Part No. - MA800

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MA800 MPS-MA800 Datasheet
1Mb / 17P
MagAlpha Communication Kit
MA800 MPS-MA800 Datasheet
879Kb / 11P
Rotary Knob Kit for the MagAlpha
MA800 MPS-MA800 Datasheet
879Kb / 11P
Rotary Knob Kit for the MagAlpha
MA800 MPS-MA800 Datasheet
708Kb / 8P
Rotary Knob Kit for the MagAlpha
logo
MicroPower Direct, LLC
MA800RU MPD-MA800RU Datasheet
361Kb / 3P
4:1 Input Range, 8W Single & Dual Output DC/DC Con vert ers
More results

Similar Description - MA800

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1A038RBK SHARP-GP1A038RBK Datasheet
84Kb / 4P
OPIC Photointerrupter with Encoder Function
logo
EM Microelectronic - MA...
EM4069 EMMICRO-EM4069 Datasheet
261Kb / 15P
128 bit Read/Write Contactless Identification Device with OTP function
logo
ALPS ELECTRIC CO.,LTD.
RKJXL ALPS-RKJXL Datasheet
136Kb / 2P
8-directional Stick Switch (with Center-push Function)
RKJXM ALPS-RKJXM Datasheet
194Kb / 3P
8-directional Stick Switch (with Center-push Function)
RKJXS ALPS-RKJXS Datasheet
155Kb / 3P
8-directional Stick Switch (with Center-push Function)
RKJXT1F ALPS-RKJXT1F Datasheet
140Kb / 2P
4-directional Stick Switch (with Encoder/Center-push Function)
logo
IC-Haus GmbH
IC-MP ICHAUS-IC-MP Datasheet
1Mb / 22P
8-BIT HALL ANGLE ENCODER WITH RATIOMETRIC OUTPUT
logo
ams AG
AS5601 AMSCO-AS5601 Datasheet
629Kb / 43P
12-bit Programmable Contactless Encoder
logo
ALPS ELECTRIC CO.,LTD.
RKJXW ALPS-RKJXW Datasheet
1,009Kb / 5P
8-directional Stick Switch (with Encoder / Center-push Function)
logo
ams AG
AS5601 AMSCO-AS5601_V01 Datasheet
964Kb / 44P
12-Bit Programmable Contactless Encoder
2016-Sep-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com