Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA800 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MA800
Description  8-Bit Contactless Angle Encoder with Push Button Function
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MA800 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MA800 Datasheet HTML 6Page - Monolithic Power Systems MA800 Datasheet HTML 7Page - Monolithic Power Systems MA800 Datasheet HTML 8Page - Monolithic Power Systems MA800 Datasheet HTML 9Page - Monolithic Power Systems MA800 Datasheet HTML 10Page - Monolithic Power Systems MA800 Datasheet HTML 11Page - Monolithic Power Systems MA800 Datasheet HTML 12Page - Monolithic Power Systems MA800 Datasheet HTML 13Page - Monolithic Power Systems MA800 Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
MA800 – 8-BIT, DIGITAL ANGLE SENSOR
MA800 Rev. 1.02
www.MonolithicPower.com
10
6/15/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
Figure 4: End-of-Shaft Mounting
Figure 5 shows an example of sensor and
magnet
mounting
in a
contactless
switch
assembly.
A
Neodymium
alloy magnet
is
inserted into an aluminum shaft. The air gap
between the magnet and the sensor is 1.0mm.
The sensor is positioned on the rotation axis
with a precision of 0.5mm.
Figure 5: Example of Potentiometer-Like
Assembly
Electrical
Mounting
and
Power
Supply
Decoupling
It is recommended to place a 1µF decoupling
capacitor close to the sensor with a low
impedance path to GND (see Figure 6).
Figure 6: Connection for Supply Decoupling
In general, the MagAlpha works well with or
without the exposed pad connected to anything.
For optimum conditions (electrically, thermally,
and mechanically), it is recommended that the
exposed pad be connected to ground.
Serial Interface
The sensor supports the SPI serial interface for
angle
reading
and
register
programming.
Alternatively, the SSI bus can be used for angle
reading (programming through SSI
is not
supported).
SPI
SPI
is
a
four-wire,
synchronous,
serial
communication
interface.
The
MagAlpha
supports SPI Mode 3 and Mode 0 (see Table 1
and Table 2). The SPI Mode (0 or 3) is detected
automatically by the sensor and therefore does
not require any action from the user. The
maximum clock rate supported on SPI is
25MHz. There is no minimum clock rate. Note
that real-life data rates depend on the PCB
layout quality and signal trace length. See
Figure 7 and Table 3 for SPI timing.
All commands to the MagAlpha (whether for
writing or reading register content) must be
transferred through the SPI MOSI pin and must
be 16 bits long. See the SPI Communication
section on page 12 for details.
Table 1: SPI Specification
Mode 0
Mode 3
SCLK idle state
Low
High
Data capture
On SCLK rising edge
Data transmission
On SCLK falling edge
CS idle state
High
Data order
MSB first
Table 2: SPI Standard
Mode 0
Mode 3
CPOL
0
1
CPHA
0
1
Data order (DORD)
0 (MSB first)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com