Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA800 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MA800
Description  8-Bit Contactless Angle Encoder with Push Button Function
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MA800 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MA800 Datasheet HTML 8Page - Monolithic Power Systems MA800 Datasheet HTML 9Page - Monolithic Power Systems MA800 Datasheet HTML 10Page - Monolithic Power Systems MA800 Datasheet HTML 11Page - Monolithic Power Systems MA800 Datasheet HTML 12Page - Monolithic Power Systems MA800 Datasheet HTML 13Page - Monolithic Power Systems MA800 Datasheet HTML 14Page - Monolithic Power Systems MA800 Datasheet HTML 15Page - Monolithic Power Systems MA800 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
MA800 – 8-BIT, DIGITAL ANGLE SENSOR
MA800 Rev. 1.02
www.MonolithicPower.com
12
6/15/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
SPI Communication
The sensor supports three types
of
SPI
operation:
 Read angle
 Read configuration register
 Write configuration register
Each operation has a specific frame structure
described below.
SPI Read Angle
Every 1µs, new data is transferred into the
output buffer. The master device triggers the
reading by pulling CS low. When a trigger event
is detected, the data remains in the output
buffer until the CS signal is de-asserted (see
Table 4).
Table 4: Sensor Data Timing
Event
Action
CS falling edge
Start reading and freeze
output buffer
CS rising edge
Release of the output buffer
See Figure 9 for a diagram of a full SPI angle
reading. See Figure 10 for a diagram of a
partial SPI angle reading. A full angle reading
requires 16 clock pulses. The sensor MISO line
returns:
MSB
LSB
MISO
Angle(15:0)
MOSI
0
The MagAlpha family has sensors with different
features and levels of resolution. Check the
data
output
length
in
the
General
Characteristics table on page 5 for the number
of useful bits delivered at the serial output. If the
data length is smaller than 16, the rest of the
bits sent are zeros.
For example, a data output length of 12 bits
means that the serial output delivers a 12-bit
angle value with four bits of zeros padded at the
end (MISO state remains zero). If the master
sends 16 clock counts, the MagAlpha replies
with:
MSB
LSB
MISO
Angle(15:4)
0 0 0 0
MOSI
0
Therefore, angle reading can be optimized
without any loss of information by reducing the
number of clock counts. In the case of a 12-bit
data output length, only 12 clock counts are
required to get the full sensor resolution.
MSB
LSB
MISO
Angle(15:4)
MOSI
0
If less resolution is needed, the angle can be
read by sending even fewer clock counts (since
the MSB is first).
In case of a fast reading, the MagAlpha
continues sending the same data until the data
is refreshed (see the refresh rate in the General
Characteristics table on page 5).
Figure 9: Diagram of a Full 16-Bit SPI Angle
Reading
Figure 10: Diagram of a Partial 8-Bit SPI Angle
Reading



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com