Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L4973D3 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L4973D3
Description  3.5A STEP DOWN SWITCHING REGULATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4973D3 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L4973D3 Datasheet HTML 3Page - STMicroelectronics L4973D3 Datasheet HTML 4Page - STMicroelectronics L4973D3 Datasheet HTML 5Page - STMicroelectronics L4973D3 Datasheet HTML 6Page - STMicroelectronics L4973D3 Datasheet HTML 7Page - STMicroelectronics L4973D3 Datasheet HTML 8Page - STMicroelectronics L4973D3 Datasheet HTML 9Page - STMicroelectronics L4973D3 Datasheet HTML 10Page - STMicroelectronics L4973D3 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
L4973V3.3
VCC
C1
C2
R2
C7
C3
C4
C5
C6
R1
D1
L1
3x
C0
C12
Vo
C8
4,5,6
13,14,15
7,8
10
18
9
1
17
16
INH
SYNC
11
2,3
12
D97IN664A
Figure 1d: Application Circuit (see fig. 1 part list)
L4973V5.1
VCC
C1
C2
R2
C7
C3
C4
C5
C6
R1
D1
L1
3 x
C0
C12
Vo
C8
4,5,6
13,14,15
7,8
10
18
9
1
17
16
INH
SYNC
11
2,3
12
D97IN665A
Figure 1c: Application Circuit (see fig. 1 part list)
0
1020
304050
VCC(V)
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Ibias
(mA)
Tamb=25
°C
0% DC
D97IN633A
100KHz-R2=20K
C7=2.7nF
200KHz-R2=22K
C7=1.2nF
0Hz
Figure 2: Quiescent Drain Current vs. Input
Voltage (0% Duty Cycle)
-50
0
50
100
Tj(
°C)
2.5
3.0
3.5
4.0
Ibias
(mA)
D97IN634
100KHz-R2=20K
C7=2.7nF
200KHz-R2=22K
C7=1.2nF
0Hz
0% DC
VCC = 35V
Figure 3: Quiescent Drain Current vs. Junction
Temperature
L4973V3 - L4973V5 - L4973D3 - L4973D5
7/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com