Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L4973D3 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L4973D3
Description  3.5A STEP DOWN SWITCHING REGULATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4973D3 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L4973D3 Datasheet HTML 7Page - STMicroelectronics L4973D3 Datasheet HTML 8Page - STMicroelectronics L4973D3 Datasheet HTML 9Page - STMicroelectronics L4973D3 Datasheet HTML 10Page - STMicroelectronics L4973D3 Datasheet HTML 11Page - STMicroelectronics L4973D3 Datasheet HTML 12Page - STMicroelectronics L4973D3 Datasheet HTML 13Page - STMicroelectronics L4973D3 Datasheet HTML 14Page - STMicroelectronics L4973D3 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
01
23
IO(A)
0.5
1.5
2.5
3.5
70
75
85
η
(%)
80
90
D97IN662
Vcc=48V
Vcc=12V
Vcc=24V
VO = 3.3V
fsw = 200KHz
Figure 22: Efficiency vs. Output Current
(see fig.1d)
0
10
30
40
Vcc(V)
20
50
0
0.5
1.0
1.5
Pdiss
(W)
D97IN647A
IO=3.5A
IO=3A
IO=2A
IO=2.5A
VO = 5.1V
fsw = 100KHz
Figure 23: Power dissipation vs. Input Voltage
(Device only) (see fig.1c)
0
5
15
20
VO(V)
10
25
30
0
0.5
1.0
1.5
Pdiss
(W)
2.0
2.5
3.0
D97IN648
IO=3.5A
IO=3A
IO=1A
IO=2A
IO=2.5A
VCC = 35V
fsw = 100KHz
Figure 24: Power dissipation vs. Output Voltage
(Device only)
-40 -20
60 80
Tj(
°C)
0
120
20 40
100
4.2
4.4
4.6
4.8
Ilim
(A)
5
5.2
D97IN652
Vcc=35
Figure 25: Pulse by Pulse Limiting Current vs.
Junction Temperature
1
2
IO
(A)
3
2
1
VO
(mV)
100
0
-100
D97IN649
T
T
200
µs/DIV
VCC = 35V
fsw = 100KHz
Figure 26: Load Transient
2
1
D97IN650
VCC
(V)
30
20
10
VO
(mV)
100
0
-100
1ms/DIV
IO = 1A
fsw = 100KHz
Figure 27: Line Transient
L4973V3 - L4973V5 - L4973D3 - L4973D5
11/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com