Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L4973D3 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L4973D3
Description  3.5A STEP DOWN SWITCHING REGULATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4973D3 Datasheet(HTML) 4 Page - STMicroelectronics

  L4973D3 Datasheet HTML 1Page - STMicroelectronics L4973D3 Datasheet HTML 2Page - STMicroelectronics L4973D3 Datasheet HTML 3Page - STMicroelectronics L4973D3 Datasheet HTML 4Page - STMicroelectronics L4973D3 Datasheet HTML 5Page - STMicroelectronics L4973D3 Datasheet HTML 6Page - STMicroelectronics L4973D3 Datasheet HTML 7Page - STMicroelectronics L4973D3 Datasheet HTML 8Page - STMicroelectronics L4973D3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ELECTRICAL CHARACTERISTICS ( Refer to the test circuit,VCC = 24V; Tj =25
°C, COSC = 2.7nF;
ROSC = 20K
Ω; unless otherwise specified)
= specificationsreferred to T
J from 0 to 125
°C.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
DYNAMIC CHARACTERISTICS
Input Voltage Range (*)
VO =VREF to 40V; IO =3.5A
855
V
Output Voltage
L4973V5.1
IO = 1A
5.05
5.1
5.15
V
IO = 0.5A to 3.5A
5.00
5.1
5.20
V
VCC = 8V to 55V
4.95
5.1
5.25
V
Output Voltage
L4973V3.3
IO = 1A
3.326
3.36
3.393
V
IO = 0.5A to 3.5A
3.292
3.36
3.427
V
VCC = 8V to 40V
3.26
3.36
3.46
V
RDSON
VCC = 10.5V
0.15
0.22
IO =3.5A
0.35
Maximum Limiting Current
VCC = 8V to 55V
4
4.5
5.5
A
η
Efficiency
VO = 5.1V; IO =3.5A
90
%
VO = 3.3V; IO =3.5A
85
%
Switching Frequency
90
100
110
KHz
Supply Voltage Ripple
Rejection
Vi =VCC +2VRMS
VO =Vref;IO = 1A; fripple = 100Hz
60
dB
∆fsw
Switching Frequency Stability
vs, Supply Voltage
VCC = 8V to 55V
2
5
%
REFERENCE SECTION
Reference Voltage
5.025
5.1
5.175
V
Iref = 0 to 20mA;
VCC = 8 to 55V
4.950
5.1
5.250
V
Line Regulation
Iref = 0mA;
VCC = 8 to 55V
510
mV
Load Regulation
Vref = 0 to 5mA;
VCC = 0 to 20mA
2
6
10
25
mV
mV
Short Circuit Current
30
65
100
mA
SOFT START
Soft Start Charge Current
30
45
60
µA
Soft Start Discharge Current
15
22
30
µA
INHIBIT
High Level Voltage
3.0
V
Low Level Voltage
0.8
V
Isource High Level
VINH =3V
10
16
50
µA
Isource Low Level
VINH = 0.8V
10
15
50
µA
DC CHARACTERISTICS
Total Operating Quiescent
Current
Duty Cycle = 50%
4
6
mA
Quiescent Current
Duty Cycle = 0
2.7
4
mA
Total stand-by quiescent
current
VCC = 24V; VINH = 5V
100
200
µA
VCC = 55V; VINH = 5V
150
300
µA
ERROR AMPLIFIER
High Level Output Voltage
11.0
V
Low Level Output Voltage
0.65
V
Source Bias Current
1
2
3
µA
Source Output Current
200
300
600
µA
L4973V3.3 - L4973V5.1 - L4973D3.3 - L4973D5.1
4/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com