Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L4973D3 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L4973D3
Description  3.5A STEP DOWN SWITCHING REGULATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4973D3 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L4973D3 Datasheet HTML 4Page - STMicroelectronics L4973D3 Datasheet HTML 5Page - STMicroelectronics L4973D3 Datasheet HTML 6Page - STMicroelectronics L4973D3 Datasheet HTML 7Page - STMicroelectronics L4973D3 Datasheet HTML 8Page - STMicroelectronics L4973D3 Datasheet HTML 9Page - STMicroelectronics L4973D3 Datasheet HTML 10Page - STMicroelectronics L4973D3 Datasheet HTML 11Page - STMicroelectronics L4973D3 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
0
1020304050
VCC(V)
50
100
150
Ibias
(
µA)
D97IN635A
25
°C
125
°C
Vinh =5V
Figure 4: Stand by Drain Current vs. input
Voltage
-40
0
40
80
Tj(
°C)
-20
20
60
100
5.0
5.05
5.1
5.15
VREF
(V)
D97IN637
Vcc=35V
Pin 16
Figure 5: Reference Voltage vs. Junction
Temperature (Pin 16)
0
1020
3040
50
VCC(V)
5.0
5.05
5.1
5.15
VREF
(V)
D97IN636A
Tj=25
°C
Pin 16
Figure 6: Reference Voltage vs. Input Voltage
(Pin 16)
0
102030
4050 IREF(mA)
4.9
5.0
5.1
5.2
VREF
(V)
D97IN638
Tj=25
°C
Vcc=10V
Vcc=40V
Figure 7: Reference Voltage vs. Reference Input
Current
0
15
Vinh(V)
10
5
-50
0
50
100
Iinh
(
µA)
D97IN651
Tj=0
°C
Tj=25
°C
Tj=125
°C
Vcc=35V
Pin 10
Figure 8: Inhibit Current vs. Inhibit Voltage
(Pin 10)
0
1020304050
VCC(V)
5.06
5.08
5.1
5.12
VO
(V)
D97IN639A
Tj=25
°C
Tj=125
°C
IO =1A
Figure 9: Line Regulation (see fig. 1)
L4973V3.3 - L4973V5.1 - L4973D3.3 - L4973D5.1
8/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com