Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF22KGPDINVEASY3BTOBO2 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # REF22KGPDINVEASY3BTOBO2
Description  User guide for REF-22K-GPD-INV-EASY3B
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

REF22KGPDINVEASY3BTOBO2 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button REF22KGPDINVEASY3BTOBO2 Datasheet HTML 2Page - Infineon Technologies AG REF22KGPDINVEASY3BTOBO2 Datasheet HTML 3Page - Infineon Technologies AG REF22KGPDINVEASY3BTOBO2 Datasheet HTML 4Page - Infineon Technologies AG REF22KGPDINVEASY3BTOBO2 Datasheet HTML 5Page - Infineon Technologies AG REF22KGPDINVEASY3BTOBO2 Datasheet HTML 6Page - Infineon Technologies AG REF22KGPDINVEASY3BTOBO2 Datasheet HTML 7Page - Infineon Technologies AG REF22KGPDINVEASY3BTOBO2 Datasheet HTML 8Page - Infineon Technologies AG REF22KGPDINVEASY3BTOBO2 Datasheet HTML 9Page - Infineon Technologies AG REF22KGPDINVEASY3BTOBO2 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
User Guide
6 of 38
2021-01-29
The reference board at a glance
User guide for REF-22K-GPD-INV-EASY3B
A reference design for a general purpose drive
for controlling the speed and torque of the motor. During braking or deceleration of the motor, energy is
transferred back into the DC-link capacitor increasing the DC bus voltage. Therefore, a brake chopper is
included that absorbs this energy by switching an external brake resistor across the DC bus capacitors. The
three-phase input rectifier, the six pack as well as the brake chopper are all included in one power module, the
Easy3B IGBT FP100R12W3T7_B11. All IGBTs are switched using EICE™ drivers, the 1ED3131MC12H. The isolation
coordination details of the unit can be found in Section 2.2.2.
The current measurement of the three-phase output current is done with TLI4971-A120T5 current sensors. The
current signals are used for the motor control; additionally, these sensors are used to detect an external short
circuit for the IGBT’s. To protect the module against an internal short circuit, a fourth current sensor is
integrated between the DC-link capacitor and the IGBT module.
The auxiliary voltage for the inverter is generated with a DC/DC switch mode power supply (SMPS) converter.
The CoolSiC™-MOSFET IMBF170R1K0M1 is used in a flyback topology. More details about the flyback SMPS are
listed in Section 2.2.4.
The reference inverter uses two microcontrollers; one for control and one for communication. For control the
XMC4800-F144F2048 is used, for communication the XMC4300-F100K256 AA is designed in. Both
microcontrollers communicate via an UART interface. The communication microcontroller allows the inverter
to be controlled via a touch-screen or a PC-GUI. More details on the communication interface can be found in
Section 2.2.1.
A simplified block diagram is shown in Figure 2. The block diagram shows the main components of the boards,
the DC/DC SMPS converter, the low-voltage interface board (SELV board), high-voltage logic board (FELV
board), the IGBT module incl. the gate driver IC, and the output phase current measurement. Also the main
Infineon components used in the specific blocks are listed in the diagram.
-_
high voltage
logic board
(FELV board)
low voltage
interface board
(SELV board)
rectifier
DC/DC converter
EMI filter
six pack
3Ph
Motor
user
interfaces
front
display
sensor
interfaces
3 phase
AC Input
3 phase
AC output
brake chopper
DC-Link
brake resistor
pre charge
resistor/relay
FP100R12W3T7_B11
1ED3131MC12H
curr
3 ph
TLI4971
IMBF170R1K0M1
XMC4800
XMC4300
Figure 2
Simplified block diagram of the inverter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com