Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF22KGPDINVEASY3BTOBO2 Datasheet(PDF) 16 Page - Infineon Technologies AG

Part # REF22KGPDINVEASY3BTOBO2
Description  User guide for REF-22K-GPD-INV-EASY3B
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

REF22KGPDINVEASY3BTOBO2 Datasheet(HTML) 16 Page - Infineon Technologies AG

Back Button REF22KGPDINVEASY3BTOBO2 Datasheet HTML 12Page - Infineon Technologies AG REF22KGPDINVEASY3BTOBO2 Datasheet HTML 13Page - Infineon Technologies AG REF22KGPDINVEASY3BTOBO2 Datasheet HTML 14Page - Infineon Technologies AG REF22KGPDINVEASY3BTOBO2 Datasheet HTML 15Page - Infineon Technologies AG REF22KGPDINVEASY3BTOBO2 Datasheet HTML 16Page - Infineon Technologies AG REF22KGPDINVEASY3BTOBO2 Datasheet HTML 17Page - Infineon Technologies AG REF22KGPDINVEASY3BTOBO2 Datasheet HTML 18Page - Infineon Technologies AG REF22KGPDINVEASY3BTOBO2 Datasheet HTML 19Page - Infineon Technologies AG REF22KGPDINVEASY3BTOBO2 Datasheet HTML 20Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
User Guide
16 of 38
2021-01-29
System and functional description
User guide for REF-22K-GPD-INV-EASY3B
A reference design for a general purpose drive
In order to simplify the supply scheme for the multiple external user interfaces, the SELV board is supplied via a
safety-isolated, low-voltage power supply. The connection to the high voltage logic board (UART, direct
connection lines) is therefore established via digital isolator devices featuring reinforced isolation capability.
2.2.2
Isolation coordination
The inverter design provides three major main voltage domains:
-
A mains-connected domain
-
A low-voltage domain with functional isolation
-
A safety-isolation domain
In Figure 11 you will find a drawing of the basic isolation coordination scheme.
Figure 11
Basic isolation coordination scheme, the low- voltage interface board is referenced to PE
and the high- voltage logic board is referenced to DC-
All power components (EMI filter, rectifier, IGBT inverter, brake switch) are directly connected to the mains
supply domain. The main controller is based on a functional isolated scheme, which is connected to the DC-
potential of the power domain. Thanks to this isolation scheme, all interfaces between the power domain and
the main control domain only provide functional isolation. This applies in particular for the gate drivers, their
power supply, the output current sensors and the voltage measurement circuits. All user interface connections
are implemented on a safety-insulated domain. In order to establish a communication link between the safety-
isolation domain and the functional isolation domain, a digital interface using a safety isolated data coupler is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com