| Electronic Components Datasheet Search |
|
REF22KGPDINVEASY3BTOBO2 Datasheet(PDF) 13 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
REF22KGPDINVEASY3BTOBO2 Datasheet(HTML) 13 Page - Infineon Technologies AG |
|
13 / 38 page ![]() User Guide 13 of 38 2021-01-29 System and functional description User guide for REF-22K-GPD-INV-EASY3B A reference design for a general purpose drive The next step is to extract the file GUI_20200819.zip; the software is available at Infineon.com. Open the folder “Debug” and double click on “GPD Inverter.exe”. A window as shown in Figure 9 (left side) appears. You can connect your drive system by selecting the USB device via the drop-down menu and click on “Connect.” Now your computer is communicating with the drive system. Figure 9 Main GUI and Config tab Be clicking on the “Config” tab, a window will be shown as in Figure 9 (right side). You can read the Config file from your inverter by clicking on “Read config.” Now you can change the settings. The “Control Method” can be selected either as “V/f” or “Manual.” The parameters for the “V/f” mode can be adjusted in the “Inverter Configuration” window. In the manual mode, you can select the “Speed” value and the “Amplitude” value manually; see the “General” Tab of the GUI. In the “Config” tab you can also change the “IGBT Overtemp shutdown” value. The “Load Pulse Pattern Config” window allows you to operate the inverter in a periodic or cyclical mode. This function works only in “Manual” mode, and changes the duty-cycle value for a specific time. This approach allows for an easy implementation of an overload pattern, as shown in Figure 3 using an inductive-resistive load. In addition, a short-circuit test is also possible via the GUI; further details will be explained in Section 4.6. Via the “General” tab, you can start the motor. You can run the motor in “V/f” mode; see section “Control Method.” The speed of the motor, hence the output frequency of the inverter, can be adapted by the slider “Speed.” After selecting your speed, click on “Update.” You can change the “V/f” ration in the “Config” tab, as already mentioned. Via the “Manual” control mode, you can select the “Speed” and the “Amplitude” which represents the modulation index. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |