Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF22KGPDINVEASY3BTOBO2 Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # REF22KGPDINVEASY3BTOBO2
Description  User guide for REF-22K-GPD-INV-EASY3B
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

REF22KGPDINVEASY3BTOBO2 Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button REF22KGPDINVEASY3BTOBO2 Datasheet HTML 17Page - Infineon Technologies AG REF22KGPDINVEASY3BTOBO2 Datasheet HTML 18Page - Infineon Technologies AG REF22KGPDINVEASY3BTOBO2 Datasheet HTML 19Page - Infineon Technologies AG REF22KGPDINVEASY3BTOBO2 Datasheet HTML 20Page - Infineon Technologies AG REF22KGPDINVEASY3BTOBO2 Datasheet HTML 21Page - Infineon Technologies AG REF22KGPDINVEASY3BTOBO2 Datasheet HTML 22Page - Infineon Technologies AG REF22KGPDINVEASY3BTOBO2 Datasheet HTML 23Page - Infineon Technologies AG REF22KGPDINVEASY3BTOBO2 Datasheet HTML 24Page - Infineon Technologies AG REF22KGPDINVEASY3BTOBO2 Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
User Guide
21 of 38
2021-01-29
System design
User guide for REF-22K-GPD-INV-EASY3B
A reference design for a general purpose drive
The gate layout of the high-side IGBT of the phase U is shown as an example in Figure 15. The traces of the
emitter and gate trace are on top of each other, which minimizes any parasitic inductances.
gate
emitter
minimize the stray
inductance by overlaying
gate and emitter trace
Figure 15
Gate layout of the high-side IGBT of phase U
3.3
Inverter cooling concept
A three-channel cooling system provides the cooling of the inverter, as seen in Figure 1 and Figure 16.
The main cooling of the IGBT is done by a heat sink and an integrated 92 mm fan with a temperature controlled
flowrate of 0-270 m³/h. The air is drawn in the bottom of the unit and blown up through the heat sink to the
outlet at the top of the enclosure, assuming a normal wall mounting position.
A 52 mm auxiliary fan cools the DC-link capacitors and operates at a constant speed with a flow rate of 20m³/h.
As shown in Figure 16 the air is blown into an air channel at the bottom of the capacitor array. To provide an
improved cooling over the entire surface of each capacitor the air is directed up one side and then channeled
via small slits between each capacitor and then finally along the side of the heat sink to the air outlet at the top
of the enclosure.
A second 52 mm fan, also operating at a constant speed, cools a third channel containing the EMI filter. The air
flows beside the heat sink and over the indictors and capacitors of the EMI filter. This cooling channel has a
separate air outlet at the top of the enclosure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com