Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6208D Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6208D
Description  FULLY INTEGRATED STEPPER MOTOR DRIVER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6208D Datasheet(HTML) 1 Page - STMicroelectronics

  L6208D Datasheet HTML 1Page - STMicroelectronics L6208D Datasheet HTML 2Page - STMicroelectronics L6208D Datasheet HTML 3Page - STMicroelectronics L6208D Datasheet HTML 4Page - STMicroelectronics L6208D Datasheet HTML 5Page - STMicroelectronics L6208D Datasheet HTML 6Page - STMicroelectronics L6208D Datasheet HTML 7Page - STMicroelectronics L6208D Datasheet HTML 8Page - STMicroelectronics L6208D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
1/27
L6208
September 2003
s
OPERATING SUPPLY VOLTAGE FROM 8 TO 52V
s
5.6A OUTPUT PEAK CURRENT (2.8A RMS)
s
RDS(ON) 0.3Ω TYP. VALUE @ Tj = 25°C
s
OPERATING FREQUENCY UP TO 100KHz
s
NON DISSIPATIVE OVERCURRENT
PROTECTION
s
DUAL INDEPENDENT CONSTANT tOFF PWM
CURRENT CONTROLLERS
s
FAST/SLOW DECAY MODE SELECTION
s
FAST DECAY QUASI-SYNCHRONOUS
RECTIFICATION
s
DECODING LOGIC FOR STEPPER MOTOR
FULL AND HALF STEP DRIVE
s
CROSS CONDUCTION PROTECTION
s
THERMAL SHUTDOWN
s
UNDER VOLTAGE LOCKOUT
s
INTEGRATED FAST FREE WHEELING DIODES
TYPICAL APPLICATIONS
s
BIPOLAR STEPPER MOTOR
DESCRIPTION
The L6208 is a DMOS Fully Integrated Stepper Motor
Driver with non-dissipative Overcurrent Protection,
realized in MultiPower-BCD technology, which com-
bines isolated DMOS Power Transistors with CMOS
and bipolar circuits on the same chip. The device in-
cludes all the circuitry needed to drive a two-phase
bipolar stepper motor including: a dual DMOS Full
Bridge, the constant off time PWM Current Controller
that performs the chopping regulation and the Phase
Sequence Generator, that generates the stepping
sequence. Available
in PowerDIP24 (20+2+2),
PowerSO36 and SO24 (20+2+2) packages, the
L6208 features a non-dissipative overcurrent protec-
tion on the high side Power MOSFETs and thermal
shutdown.
BLOCK DIAGRAM
GATE
LOGIC
STEPPING
SEQUENCE
GENERATION
OVER
CURRENT
DETECTION
OVER
CURRENT
DETECTION
GATE
LOGIC
VCP
VBOOT
EN
CONTROL
CW/CCW
VREFA
VBOOT
5V
10V
VSA
VSB
OUT1A
OUT2A
OUT1B
OUT2B
SENSEA
CHARGE
PUMP
VOLTAGE
REGULATOR
ONE SHOT
MONOSTABLE
MASKING
TIME
THERMAL
PROTECTION
VBOOT
VBOOT
OCDB
OCDA
10V
10V
BRIDGE A
SENSE
COMPARATOR
BRIDGE B
D01IN1225
RCA
+
-
SENSEB
VREFB
RCB
HALF/FULL
CLOCK
RESET
PWM
ORDERING NUMBERS:
L6208N (PowerDIP24)
L6208PD (PowerSO36)
L6208D (SO24)
PowerDIP24
(20+2+2)
PowerSO36
SO24
(20+2+2)
DMOS DRIVER FOR BIPOLAR STEPPER MOTOR


Similar Part No. - L6208D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6208D STMICROELECTRONICS-L6208D Datasheet
706Kb / 35P
DMOS driver for bipolar stepper motor
20-Feb-2014
More results

Similar Description - L6208D

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1857 NTE-NTE1857 Datasheet
56Kb / 6P
Integrated Circuit Stepper Motor Driver
NTE7082 NTE-NTE7082 Datasheet
21Kb / 3P
Integrated Circuit Stepper Motor Driver
logo
STMicroelectronics
TEF3718 STMICROELECTRONICS-TEF3718 Datasheet
143Kb / 8P
STEPPER MOTOR DRIVER
Oct-1991
VNH3SP30 STMICROELECTRONICS-VNH3SP30 Datasheet
222Kb / 26P
FULLY INTEGRATED H-BRIDGE MOTOR DRIVER
Apr-2004
L6219R STMICROELECTRONICS-L6219R Datasheet
144Kb / 11P
STEPPER MOTOR DRIVER
May-2005
L6219R STMICROELECTRONICS-L6219R_06 Datasheet
232Kb / 16P
Stepper motor driver
22-Jun-2006
L6472 STMICROELECTRONICS-L6472 Datasheet
1Mb / 69P
dSPIN fully integrated microstepping motor driver
24-Jan-2012
L6474 STMICROELECTRONICS-L6474 Datasheet
741Kb / 51P
easySPIN ??fully integrated microstepping motor driver
22-Dec-2011
AN2839 STMICROELECTRONICS-AN2839 Datasheet
1Mb / 40P
L6228 fully-integrated two-phase stepper motor driver
22-Sep-2009
logo
ON Semiconductor
CS8442 ONSEMI-CS8442 Datasheet
47Kb / 4P
Stepper Motor Driver
December, 2001 - Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com