Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6208D Datasheet(PDF) 4 Page - STMicroelectronics

Part # L6208D
Description  FULLY INTEGRATED STEPPER MOTOR DRIVER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6208D Datasheet(HTML) 4 Page - STMicroelectronics

  L6208D Datasheet HTML 1Page - STMicroelectronics L6208D Datasheet HTML 2Page - STMicroelectronics L6208D Datasheet HTML 3Page - STMicroelectronics L6208D Datasheet HTML 4Page - STMicroelectronics L6208D Datasheet HTML 5Page - STMicroelectronics L6208D Datasheet HTML 6Page - STMicroelectronics L6208D Datasheet HTML 7Page - STMicroelectronics L6208D Datasheet HTML 8Page - STMicroelectronics L6208D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
L6208
4/27
PIN DESCRIPTION
PACKAGE
Name
Type
Function
SO24/
PowerDIP24
PowerSO36
PIN #
PIN #
1
10
CLOCK
Logic Input
Step Clock input. The state machine makes one step on
each rising edge.
2
11
CW/CCW
Logic Input
Selects the direction of the rotation. HIGH logic level sets
clockwise direction, whereas LOW logic level sets
counterclockwise direction.
If not used, it has to be connected to GND or +5V.
3
12
SENSEA
Power Supply
Bridge A Source Pin. This pin must be connected to Power
Ground through a sensing power resistor.
413
RCA
RC Pin
RC Network Pin. A parallel RC network connected
between this pin and ground sets the Current Controller
OFF-Time of the Bridge A.
5
15
OUT1A
Power Output
Bridge A Output 1.
6, 7,
18, 19
1, 18,
19, 36
GND
GND
Ground terminals. In PowerDIP24 and SO24 packages,
these pins are also used for heat dissipation toward the
PCB. On PowerSO36 package the slug is connected to
these pins.
8
22
OUT1B
Power Output
Bridge B Output 1.
924
RCB
RC Pin
RC Network Pin. A parallel RC network connected
between this pin and ground sets the Current Controller
OFF-Time of the Bridge B.
10
25
SENSEB
Power Supply
Bridge B Source Pin. This pin must be connected to Power
Ground through a sensing power resistor.
11
26
VREFB
Analog Input
Bridge B Current Controller Reference Voltage.
Do not leave this pin open or connected to GND.
12
27
HALF/FULL
Logic Input
Step Mode Selector. HIGH logic level sets HALF STEP
Mode, LOW logic level sets FULL STEP Mode.
If not used, it has to be connected to GND or +5V.
13
28
CONTROL
Logic Input
Decay Mode Selector. HIGH logic level sets SLOW DECAY
Mode. LOW logic level sets FAST DECAY Mode.
If not used, it has to be connected to GND or +5V.
14
29
EN
Logic Input (6)
Chip Enable. LOW logic level switches OFF all Power
MOSFETs of both Bridge A and Bridge B. This pin is also
connected to the collector of the Overcurrent and Thermal
Protection to implement over current protection.
If not used, it has to be connected to +5V through a
resistor.
15
30
VBOOT
Supply
Voltage
Bootstrap Voltage needed for driving the upper Power
MOSFETs of both Bridge A and Bridge B.
16
32
OUT2B
Power Output
Bridge B Output 2.
17
33
VSB
Power Supply
Bridge B Power Supply Voltage. It must be connected to
the Supply Voltage together with pin VSA
20
4
VSA
Power Supply
Bridge A Power Supply Voltage. It must be connected to
the Supply Voltage together with pin VSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com