| Electronic Components Datasheet Search |
|
L6208D Datasheet(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6208D Datasheet(HTML) 15 Page - STMicroelectronics |
|
15 / 27 page ![]() 15/27 L6208 time. The drive mode is selected by the HALF/FULL input and the current state of the sequence generator as described below. A rising edge of the CLOCK input advances the state machine to the next state. The direction of rotation is set by the CW/CCW input. The RESET input resets the state machine to state. HALF STEP MODE A HIGH logic level on the HALF/FULL input selects Half Step Mode. Figure 16 shows the motor current wave- forms and the state diagram for the Phase Sequencer Generator. At Start-Up or after a RESET the Phase Se- quencer is at state 1. After each clock pulse the state changes following the sequence 1,2,3,4,5,6,7,8,… if CW/ CCW is high (Clockwise movement) or 1,8,7,6,5,4,3,2,… if CW/CCW is low (Counterclockwise movement). NORMAL DRIVE MODE (Full-step two-phase-on) A LOW level on the HALF/FULL input selects the Full Step mode. When the low level is applied when the state machine is at an ODD numbered state the Normal Drive Mode is selected. Figure Fig. 17 shows the motor cur- rent waveform state diagram for the state machine of the Phase Sequencer Generator. The Normal Drive Mode can easily be selected by holding the HALF/FULL input low and applying a RESET. AT start -up or after a RE- SET the State Machine is in state1. While the HALF/FULL input is kept low, state changes following the se- quence 1,3,5,7,… if CW/CCW is high (Clockwise movement) or 1,7,5,3,… if CW/CCW is low (Counterclockwise movement). WAVE DRIVE MODE (Full-step one-phase-on) A LOW level on the pin HALF/FULL input selects the Full Step mode. When the low level is applied when the state machine is at an EVEN numbered state the Wave Drive Mode is selected. Figure 18 shows the motor cur- rent waveform and the state diagram for the state machine of the Phase Sequence Generator. To enter the Wave Drive Mode the state machine must be in an EVEN numbered state. The most direct method to select the Wave Drive Mode is to first apply a RESET, then while keeping the HALF/FULL input high apply one pulse to the clock input then take the HALF/FULL input low. This sequence first forces the state machine to sate 1. The clock pulse, with the HALF/FULL input high advances the state machine from state 1 to either state 2 or 8 de- pending on the CW/CCW input. Starting from this point, after each clock pulse (rising edge) will advance the state machine following the sequence 2,4,6,8,… if CW/CCW is high (Clockwise movement) or 8,6,4,2,… if CW/ CCW is low (Counterclockwise movement). Figure 16. Half Step Mode Figure 17. Normal Drive Mode 3 2 4 5 1 D01IN1320 2345678 6 1 8 7 IOUTA IOUTB CLOCK Start Up or Reset 2 4 1 D01IN1322 3571357 6 8 IOUTA IOUTB CLOCK 35 17 Start Up or Reset |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |