Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6208D Datasheet(PDF) 5 Page - STMicroelectronics

Part # L6208D
Description  FULLY INTEGRATED STEPPER MOTOR DRIVER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6208D Datasheet(HTML) 5 Page - STMicroelectronics

  L6208D Datasheet HTML 1Page - STMicroelectronics L6208D Datasheet HTML 2Page - STMicroelectronics L6208D Datasheet HTML 3Page - STMicroelectronics L6208D Datasheet HTML 4Page - STMicroelectronics L6208D Datasheet HTML 5Page - STMicroelectronics L6208D Datasheet HTML 6Page - STMicroelectronics L6208D Datasheet HTML 7Page - STMicroelectronics L6208D Datasheet HTML 8Page - STMicroelectronics L6208D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
5/27
L6208
(6)
Also connected at the output drain of the Over current and Thermal protection MOSFET. Therefore, it has to be driven putting in series
a resistor with a value in the range of 2.2K
Ω - 180KΩ, recommended 100KΩ.
PACKAGE
Name
Type
Function
SO24/
PowerDIP24
PowerSO36
PIN #
PIN #
21
5
OUT2A
Power Output
Bridge A Output 2.
22
7
VCP
Output
Charge Pump Oscillator Output.
23
8
RESET
Logic Input
Reset Pin. LOW logic level restores the
Home State
(State 1) on the Phase Sequence Generator State
Machine.
If not used, it has to be connected to +5V.
24
9
VREFA
Analog Input
Bridge A Current Controller Reference Voltage.
Do not leave this pin open or connected to GND.
ELECTRICAL CHARACTERISTICS
(Tamb = 25°C, Vs = 48V, unless otherwise specified)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VSth(ON) Turn-on Threshold
6.6
7
7.4
V
VSth(OFF) Turn-off Threshold
5.6
6
6.4
V
IS
Quiescent Supply Current
All Bridges OFF;
Tj = -25°C to 125°C
(7)
510
mA
Tj(OFF)
Thermal Shutdown Temperature
165
°C
Output DMOS Transistors
RDS(ON) High-Side Switch ON Resistance Tj = 25 °C
0.34
0.4
Ω
Tj =125 °C
(7)
0.53
0.59
Ω
Low-Side Switch ON Resistance
Tj = 25 °C
0.28
0.34
Ω
Tj =125 °C
(7)
0.47
0.53
Ω
IDSS
Leakage Current
EN = Low; OUT = VS
2mA
EN = Low; OUT = GND
-0.15
mA
Source Drain Diodes
VSD
Forward ON Voltage
ISD = 2.8A, EN = LOW
1.15
1.3
V
trr
Reverse Recovery Time
If = 2.8A
300
ns
tfr
Forward Recovery Time
200
ns
Logic Inputs (EN, CONTROL, HALF/FULL, CLOCK, RESET, CW/CCW)
VIL
Low level logic input voltage
-0.3
0.8
V
VIH
High level logic input voltage
2
7
V
PIN DESCRIPTION (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com