| Electronic Components Datasheet Search |
|
L6223 Datasheet(PDF) 8 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6223 Datasheet(HTML) 8 Page - STMicroelectronics |
|
8 / 33 page ![]() Device status Bit C5 IN1 IN2 IN3 IN4 DA/CLEV DA/OPLO Simplified mode operating L Phase A Driver Phase B Driver Enable Alternative Current Reduction ”LOW” Current Reductio Active ”HIGH” Open/Closed Loop current control Full mode operating H Phase A Phase A driver Phase B driver Phase B driver Programming mode X LLLL serial data in serial data in Table 1 Figure 7: Internal Six-Bit Shift Register Bit Functions CIRCUIT OPERATION (continued) The FULL OPERATING MODE permits all the driving possibilities. The 4 low side DMOS transis- tors are drived directly by the 4 inputs IN1, IN2, IN3, IN4 which define directly the phases configu- ration. The chopping of the motor current can be in open loop or in close loop. When in open loop (fixed on-time block) the DA/OPLO pin is High and the motor current is not controlled but it mostly depends from the bits C2 nd C3. When in close loop the DA/OPLO is Low and the output current is controlled at a constant value defined by the internal reference and by the sensing re- sistor value. The internal reference depends by the programming bits C0, C1, and by the input configurations. During the power on sequence the reset circuitry prevents current spikes disabling the outputs and by resetting the memory. Power Section The basic concept for the current control is ex- plained by examining the winding pair phase A (MA) in Figure 24. With Q5 = ON, Q2 = OFF the current rises until RSIP equals the comparator threshold value. The comparator output resets the F/F and Q5 switches off. In this condition the cur- rent decay path begins as shown in Figure 25. The current value becomes Ip/2, according to the double number of turns interested. In order to re- duce the dissipation, Q2 is also driven on. Q5 re- mains off (PWM off time) up to a new clock pulse sets again the F/F. The winding current behaviour is shown in Figure 26. Since during PWM off time the current value is half that of the on time and since in a typical ap- plication Toff >>Ton, the device dissipation is fur- ther reduced. The five DMOS transistors are connected to the ”predriver stages” block, that drives the DMOS gates, and interfaces them to the internal input logic. The ”charge pump” provides correct voltage for Q5 UPPER DMOS gate drive by using the ex- ternal bootstrap capacitor. Programming Mode The Programming Mode is defined by the inputs IN1=IN2=IN3=IN4=Low. When in PROGRAM- MING MODE the outputs are disabled. The wave- form shown in Fig. 8 represents one possible tim- L6223 8/33 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |