Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6223 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L6223
Description  DMOS PROGRAMMABLE HIGH SPEED UNIPOLAR STEPPER MOTOR DRIVER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6223 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L6223 Datasheet HTML 8Page - STMicroelectronics L6223 Datasheet HTML 9Page - STMicroelectronics L6223 Datasheet HTML 10Page - STMicroelectronics L6223 Datasheet HTML 11Page - STMicroelectronics L6223 Datasheet HTML 12Page - STMicroelectronics L6223 Datasheet HTML 13Page - STMicroelectronics L6223 Datasheet HTML 14Page - STMicroelectronics L6223 Datasheet HTML 15Page - STMicroelectronics L6223 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
SHIFT REGISTER bITS
Full/Simpl.
Operation
Mode
Close Loop
Frequency
(kHz)
Open Loop
t(ON) [%]
Close Loop
Current
Level [%]
Nr
C5
C4
C3
C2
C1
C0
39
1
0
0
1
1
1
F
20
100
85%
40
1
0
1
0
0
0
F
20
50
40%
41
1
0
1
0
0
1
F
20
50
70%
42
1
0
1
0
1
0
F
20
50
55%
43
1
0
1
0
1
1
F
20
50
85%
44
1
0
1
1
0
0
F
20
DISABLED
40%
45
1
0
1
1
0
1
F
20
DISABLED
70%
46
1
0
1
1
1
0
F
20
DISABLED
55%
47
1
0
1
1
1
1
F
20
DISABLED
85%
48
1
1
0
0
0
0
F
10
75
40%
49
1
1
0
0
0
1
F
10
75
70%
50
1
1
0
0
1
0
F
10
75
55%
51
1
1
0
0
1
1
F
10
75
85%
52
1
1
0
1
0
0
F
10
100
40%
53
1
1
0
1
0
1
F
10
100
70%
54
1
1
0
1
1
0
F
10
100
55%
55
1
1
0
1
1
1
F
10
100
85%
56
1
1
1
0
0
0
F
10
50
40%
57
1
1
1
0
0
1
F
10
50
70%
58
1
1
1
0
1
0
F
10
50
55%
59
1
1
1
0
1
1
F
10
50
85%
60
1
1
1
1
0
0
F
10
DISABLED
40%
61
1
1
1
1
0
1
F
10
DISABLED
70%
62
1
1
1
1
1
0
F
10
DISABLED
55%
63
1
1
1
1
1
1
F
10
DISABLED
85%
L6223 Operating Configuration vs. 6bits Shift Register Programming (Continued)
APPLICATION INFORMATION
Single Device Application
Figure 10 shows a typical Single Device Applica-
tion. With the shown external RC network, the
higher chopping frequency is 20 kHz.
In the figure 11, 12 and 13 are shown the wave-
forms required to drive the motor in Half/Full Step
in FULL MODE OPERATING (FMO) and SIMPLI-
FIED MODE OPERATING (SMO). The sense re-
sistor defines the total motor current. This means
that when two phases are ON, the sense current
is two times the phase current. In this case the
sense resistor value is RS =(Vref/2Ip), where Vref
is the reference voltage and IP the phase current.
We have supposed that the phase current is of
the same intensity in the two phases. When only
one phase in ON, the current flowing in the sens-
ing resistor is the phase current: this occurs in
half step driving mode. The Figures 14 and 15
show the envelope of the sensing voltage in full
and half step respectively.
When current imbalance is not considered, this
envelope represents the current level 2Ip control-
led by the chopping when L6223 is working at
100% of current; in full step this level is constant
while in half step two different levels are present
(Figure 15). Actually, in full step two phases are
always ON, and the chopping current level can be
changed only by the controller. In half step when
two phases are ON and L6223 is working at
nominal current level (2Ip), but when only one
phase is ON, L6223 selects automatically the re-
duced current. This level depends upon the pro-
gramming bits. In Figure 15 the higher level rep-
resents the chopping at nominal value (two
phases ON), the lower level the chopping at the
reduced current (one phase ON). The negative
peak shown in the figures represents the fast cur-
rent recirculation at the phase change.
Fig. 15 shows also what happens when the re-
duced current level selected is at 70% of the
nominal value. The motor torque is proportional to
the vectorial sum of the phase currents: it can be
seen that the unipolar stepper motor control actu-
ated by L6223 in half step is at constant torque
but not at constat current.
L6223
12/33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com