Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6223 Datasheet(PDF) 17 Page - STMicroelectronics

Part # L6223
Description  DMOS PROGRAMMABLE HIGH SPEED UNIPOLAR STEPPER MOTOR DRIVER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6223 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L6223 Datasheet HTML 13Page - STMicroelectronics L6223 Datasheet HTML 14Page - STMicroelectronics L6223 Datasheet HTML 15Page - STMicroelectronics L6223 Datasheet HTML 16Page - STMicroelectronics L6223 Datasheet HTML 17Page - STMicroelectronics L6223 Datasheet HTML 18Page - STMicroelectronics L6223 Datasheet HTML 19Page - STMicroelectronics L6223 Datasheet HTML 20Page - STMicroelectronics L6223 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
The behaviour of the oscillator at each phase
change allows the L6223 to drive high speed
unipolar stepper motors.
This is the main functional difference between the
L6223 and the L6223 (see fig. 21b).
In the latter, the phase change starts only when
the clock pulse sets the F-F (Fig. 22) that is when
the capacitor voltage reaches the discharge
threshold.
As a result, a variable delay between the leading
edge of the input signal and the beginning of the
current decay to zero can be expected.
Because of that, driving high speedy stepper mo-
tors is produced a noisy beating between chop-
ping frequency and phase change rate.
In the L6223 as soon as the phase change is
driven by the inputs, the oscillator voltage Jumps
to its top level, a new discharge period is gener-
ated and the chopping transistor is switched ON
(Q5 in fig. 22). The
advantages are a motor
phase change synchronous to the driving signal
and no beating for whatever rotation speed. By
setting pin 14 at a voltage equal or less than Vrs
= 0.9V, when the IC is normally supplied and the
oscillator is running, the 6 bit shift register is
quickly reset and the power outputs are disabled:
a delay of 700nsec max must be expected.
The use of this behaviour to reset the device at
the turn-on is not allowed; however the reset is
automatically provided by the Logic Supply Volt-
age crossing the threshold of 3.5V (typ.) both at
the turn-ON and at the turn-OFF.
Protection
The protection zeners on the outputs protect the
IC from overvoltage during chopping and phase
change. Actually, at the phase change, the out-
puts rise to a voltage equal to VO =2VS +Vm,
where VS is the power supply and Vm the product
of the motor resistance Rm with the peak phase
current Ip. Vs is doubled because in the unipolar
motor we have two coupled phases connected in
series(phase A and A, B and B) for each of the
two windings of the motor (MA, MB see Fig. 22).
The leakage inductance, seen from the outputs of
the L6223, can generate an overvoltage higher
than VO. To protect the IC, the zeners must be
able to sustain a power of 400W for 1 microsec
and must be able to conduct at a voltage Vz
higher than V0 =2Vs(max) +Vm. It’s important that
during the transition, at the max operating ambi-
ent temperature, the zener conduction is guaran-
teed for a voltage lower than 125V (see Absolute
Max Ratings). The ST-BZWO4-85 satisfies this
requirement. The diode connected to the com-
mon protects this input from the undergounds due
to the leakage inductances and/or the imbalanc-
ing between the phase currents.
Figure21a:Relationshipbetweencapacitordischarge
of the oscillator, window and sensing voltage
Figure 21b: Oscillator behaviour of the L6223 and
of the L6223 (simplified waveforms).
L6223
17/33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com