Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMA142AA Datasheet(PDF) 4 Page - Microchip Technology

Part # MMA142AA
Description  1 GHz – 30 GHz GaAs Single-Supply MMIC Broadband
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MMA142AA Datasheet(HTML) 4 Page - Microchip Technology

  MMA142AA Datasheet HTML 1Page - Microchip Technology MMA142AA Datasheet HTML 2Page - Microchip Technology MMA142AA Datasheet HTML 3Page - Microchip Technology MMA142AA Datasheet HTML 4Page - Microchip Technology MMA142AA Datasheet HTML 5Page - Microchip Technology MMA142AA Datasheet HTML 6Page - Microchip Technology MMA142AA Datasheet HTML 7Page - Microchip Technology MMA142AA Datasheet HTML 8Page - Microchip Technology MMA142AA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
MMA142PP5
Electrical Specifications
 Data Sheet
© 2026 Microchip Technology Inc. and its subsidiaries
DS00004351B - 4
1.2.
Absolute Maximum Ratings
The following table shows the absolute maximum ratings of the MMA142PP5 device at 25 °C, unless
otherwise specified. Exceeding any of the maximum ratings could cause damage and/or latent
defects to the device.
Table 1-2. Absolute Maximum Ratings
Parameter
Rating
Drain bias voltage (VDD)
+8V
Drain bias current (IDD)
240 mA
Channel temperature
175 °C
Thermal resistance
51 °C/W
Operating temperature
–55 °C to +85 °C
Storage temperature
–65 °C to +150 °C
ESD Sensitive Device
1.3.
Typical Performance Curves
1.3.1.
Typical Performances vs. Temperature
The graphs shown in Figures 1–1 through 1–27 represent the Typical Performance versus
Temperature curves of the MMA142PP5 device under specific bias conditions. All measurements
were taken using the test circuit shown in Figure 3-2
Figure 1-1. Gain vs. Temperature @5V
6
8
10
12
14
16
18
20
0
5
10
15
20
25
30
35
Frequency (GHz)
-50C
25C
85C
Figure 1-2. Gain vs. Temperature @6V
6
8
10
12
14
16
18
20
0
5
10
15
20
25
30
35
Frequency (GHz)
-50C
25C
85C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com