Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMA142AA Datasheet (PDF) - Microchip Technology

MMA142AA Datasheet PDF - Microchip Technology
Part # MMA142AA
Download  MMA142AA Download
File Size   1354.11 Kbytes
Page   20 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 1 GHz – 30 GHz GaAs Single-Supply MMIC Broadband

MMA142AA Datasheet (PDF)

Go To PDF Page Download Datasheet
MMA142AA Datasheet PDF - Microchip Technology

Part # MMA142AA
Download  MMA142AA Click to download

File Size   1354.11 Kbytes
Page   20 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 1 GHz – 30 GHz GaAs Single-Supply MMIC Broadband

MMA142AA Datasheet (HTML) - Microchip Technology


MMA142AA Product details

Key Features
• Frequency range: 1 GHz to 30 GHz
• Gain: 14 dB with + 1 dB slope
• Low noise figure: 3 dB at 18 GHz
• High OIP3: +29 dBm at 18 GHz
• Single supply: self-biased at +6V at 70 mA
• 50Ω matched input/output
• Plastic QFN 5 mm × 5 mm package

Applications
• Wide-band microwave radios
• Test and measurement instrumentation
• Electronic warfare (EW), electronic countermeasures(ECM), and
electronic counter-countermeasures (ECCM)
• Aerospace, Defense, and Space
• Telecom infrastructure
• Microwave and millimeter-wave communication systems




Similar Part No. - MMA142AA

ManufacturerPart #DatasheetDescription
logo
Clarke International
MMA140A CLARKE-MMA140A Datasheet
4Mb / 24P
140A MMA INVERTER WELDER
GC0522 - Rev 1
More results


Similar Description - MMA142AA

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA032P1-00 ALPHA-AA032P1-00 Datasheet
163Kb / 2P
30-36 GHz GaAs MMIC Power Amplifier
logo
Hittite Microwave Corpo...
HMC292LC3B HITTITE-HMC292LC3B Datasheet
274Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 16 - 30 GHz
logo
California Eastern Labs
UPG2035T5F CEL-UPG2035T5F Datasheet
592Kb / 12P
BROADBAND GaAs MMIC DPDT SWITCH FOR 2.4 GHz AND 5 GHz WLAN
logo
Hittite Microwave Corpo...
HMC812LC4 HITTITE-HMC812LC4 Datasheet
301Kb / 8P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 5 - 30 GHz
HMC292LC3B HITTITE-HMC292LC3B_09 Datasheet
189Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 16 - 30 GHz
HMC341 HITTITE-HMC341_10 Datasheet
229Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER, 24 - 30 GHz
HMC712 HITTITE-HMC712_10 Datasheet
496Kb / 8P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 5 - 30 GHz
HMC812LC4 HITTITE-HMC812LC4_11 Datasheet
521Kb / 8P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 5 - 30 GHz
HMC944LC4 HITTITE-HMC944LC4 Datasheet
694Kb / 4P
GaAs MMIC SP4T REFLECTIVE SWITCH, 23 - 30 GHz
logo
Analog Devices
HMC292ALC3B AD-HMC292ALC3B Datasheet
268Kb / 15P
14 GHz to 30 GHz, GaAs, MMIC, Double Balanced Mixer
2/2018-Rev. 0 to Rev. A
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com