Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMA142AA Datasheet(PDF) 8 Page - Microchip Technology

Part # MMA142AA
Description  1 GHz – 30 GHz GaAs Single-Supply MMIC Broadband
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MMA142AA Datasheet(HTML) 8 Page - Microchip Technology

Back Button MMA142AA Datasheet HTML 4Page - Microchip Technology MMA142AA Datasheet HTML 5Page - Microchip Technology MMA142AA Datasheet HTML 6Page - Microchip Technology MMA142AA Datasheet HTML 7Page - Microchip Technology MMA142AA Datasheet HTML 8Page - Microchip Technology MMA142AA Datasheet HTML 9Page - Microchip Technology MMA142AA Datasheet HTML 10Page - Microchip Technology MMA142AA Datasheet HTML 11Page - Microchip Technology MMA142AA Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
MMA142PP5
Electrical Specifications
 Data Sheet
© 2026 Microchip Technology Inc. and its subsidiaries
DS00004351B - 8
Figure 1-21. OIP2(low) vs. Temperature @7V
20
25
30
35
40
45
50
55
60
65
0
5
10
15
20
25
30
Frequency (GHz)
-50C
25C
85C
Figure 1-22. OIP3 vs. Temperature @5V
20
22
24
26
28
30
32
34
36
0
5
10
15
20
25
30
Frequency (GHz)
-50C
25C
85C
Figure 1-23. OIP3 vs. Temperature @6V
20
22
24
26
28
30
32
34
36
0
5
10
15
20
25
30
Frequency (GHz)
-50C
25C
85C
Figure 1-24. OIP3 vs. Temperature @7V
20
22
24
26
28
30
32
34
36
0
5
10
15
20
25
30
Frequency (GHz)
-50C
25C
85C
Figure 1-25. IM3 vs. Temperature @5V
-40
-35
-30
-25
-20
-15
-10
0
5
10
15
20
25
30
Frequency (GHz)
-50C
25C
85C
Figure 1-26. IM3 vs. Temperature @6V
-40
-35
-30
-25
-20
-15
-10
0
5
10
15
20
25
30
Frequency (GHz)
-50C
25C
85C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com