Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6280 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L6280
Description  THREE CHANNELS MULTIPOWER DRIVER SYSTEM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6280 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L6280 Datasheet HTML 4Page - STMicroelectronics L6280 Datasheet HTML 5Page - STMicroelectronics L6280 Datasheet HTML 6Page - STMicroelectronics L6280 Datasheet HTML 7Page - STMicroelectronics L6280 Datasheet HTML 8Page - STMicroelectronics L6280 Datasheet HTML 9Page - STMicroelectronics L6280 Datasheet HTML 10Page - STMicroelectronics L6280 Datasheet HTML 11Page - STMicroelectronics L6280 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
SYSTEM DESCRIPTION (Refer to the Block Dia-
gram)
The L6280 is a single chip power microsystem
which includes drives for three different loads, the
associated control logic and a Switched Mode
Power Supply (SMPS) at VSS =5V
± 5%.
The IC can be directly connected to a standard
microprocessor because of its common I/O inter-
face architecture. The L6280 can exchange infor-
mation regarding the load driver and the control
method via a 8 bit data bus. The block named mi-
croprocessor interface decodes the first four bits
(A0....A3), which, depending on the content of the
remaining four (D0.......D3) are used to enable the
power DMOS, to activate the PWM loop, and fi-
nally to set the D/A output value.
The power stage can be divided into 3 channels.
Channels1 and 2 have 6 DMOS transistors each
one (2high side drivers with Rdson =1
Ω, 4 low side
drivers with Rdson =2
Ω). Depending on the appli-
cation load, these driver transistors can be con-
nected in different ways. The microprocessor, via
software, must activate the proper control loop to
optimize operation of different loads and output
stage configurations. Because of this program-
mability in the control of the output configurations,
a large variety of different loads can be driven by
the same integrated circuit (see possible configu-
ration for power stage on Figure 5) giving the
greater system flexibility. Current levels up to 1A
are possible from CH1 and CH2, limited primarily
by the power dissipation of the IC.
The third channel has a fixed configuration in-
tended to drive a solenoid. DMOS transistors with
0.5
Ω Rdson are used to provide 4A max load ca-
pability.
All three channels have 3 bit current D/A resolu-
tion. Some auxiliary blocks of diagnostic and pro-
tection (e.g.: The power Fail/Reset and the watch-
dog) are provided to protect the system from
microprocessor failure or power fail.
Step Down Switchmode Power Supply (See
Figure 7).
The step down switchmode power supply con-
tains a DMOS power stage with 1
Ω Rdson (Q1),
control circuitry, diagnostics and protection cir-
cuits; a regulated voltage (VSSout) is used to drive
some of the internal circuit blocks and the exter-
nal microprocessor and memories. Thanks to the
DMOS output stage this regulator can deliver a
continuous output power of 4W (5V; 0.8A) with an
efficiency betler than 90% at a typical frequency
of 80kHz.
The regulation loop uses a classical pulse width
modulation circuit that includes a sawtooth gener-
ator, an error amplifier, a voltage comparator and a
PWM latch. A precision 5V reference is generated
and trimmed on chip to guarantee a 5% tolerance.
This reference is used as voltage reference for the
SMPS and the reference for the DACs.
The IC also provides an extra voltage (VS+VDHS)
for the correct driving of the high side drivers.
These transistors require a gate voltage higher
than the supply voltage Vs to obtain the minimum
ON resistance. Because of the v ery low current
needed to drive DMOS transistors, this auxiliary
voltage is easily obtained from a second winding
on the inductor of the LC output network (see Ap-
plication Information).
An overcurrent protection circuit is included to
turn OFF the power transistor when a current
level of 1.2A is exceeded.
The SMPS block also includes a voltage sensing
circuit to generate a power ON reset signal for the
microprocessor. This Power Fail circuit senses
the input supply voltage and the output regulated
voltage and sets the Reset-out pin to the high
voltage only when both the sensed voltages are
correct.
Finally, the SMPS block is able to deliver fOSC/2
used in the actuation stage for the PWM control
of the current (CH1; CH2 and CH3).
Figure 7: SMPS Block Diagram
L6280
8/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com