Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6280 Datasheet(PDF) 9 Page - STMicroelectronics

Part # L6280
Description  THREE CHANNELS MULTIPOWER DRIVER SYSTEM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6280 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L6280 Datasheet HTML 5Page - STMicroelectronics L6280 Datasheet HTML 6Page - STMicroelectronics L6280 Datasheet HTML 7Page - STMicroelectronics L6280 Datasheet HTML 8Page - STMicroelectronics L6280 Datasheet HTML 9Page - STMicroelectronics L6280 Datasheet HTML 10Page - STMicroelectronics L6280 Datasheet HTML 11Page - STMicroelectronics L6280 Datasheet HTML 12Page - STMicroelectronics L6280 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
Pwm Current Control Loop
The current control is achieved big a cycle of
charge (TON) and discharge (TOFF) of the energy
stored in each couple of windings of the driven
motor (MA and MB). Fig. 8 shows the windings
MA of an unipolar stepper motor during TON. FF1
is setted by the clock pulse and the transistor QA
is ON. At the moment Q1is ON the current expo-
nentially increases until RS x IP equals VREF.
A reset pulse is produced, QA is switched OFF
and Q2 is switched ON (Fig. 9). Since the mag-
netic flux 0MA =NA IP cannot suddenly change
and since the coil tourus number in the discharge
loop is doubled, the peak current IP modifies it
self into IP/2. The OFF time is characteryzed by a
slow recirculation of the current IP/2 that de-
creases until a new clock pulse sets a new TON
configuration. To control the current in two sepa-
rate windings MA and MB with just one sense re-
sistor RS and one comparator, a special PWM
control loop based on a ”time sharing” technique
(Patented) is used (Fig. 10).
In this configuration the chopping frequency, that
defines the TON +TOFF period of each phase, is
halved by FF3 that drives ON G1 and G2 alter-
nately. During TOFF of one winding, for instance
MA (and QA is OFF), its current does not flow
throught the sensing resistor that can be used to
monitor the current that flows through the second
winding MB, allowed by the ON-status of QB.
Fig. 11 shows a simplified timing before and dur-
ing the phase change from AB to AB (CCW, full
step). It can be seen that before the time t1,IA
and IB are alternately controlled in a chopping pe-
riod Tch1 of 4 oscillator periods or two clock peri-
ods. The time sharing is 50% - 50% and the
chopping frequency is typically of 20KHz (fosc =
80KHz).
Afther the time t1, as soon as IA is sensed, a dif-
ferent time sharing is generated. In fact since a
Reset pulse is last after one clock pulse, FF2 can
drive FF3 to change for IB chopping only at the
next clock pulse (Fig 10; Fig 11).
This means that the chopping time becomes Tch2
= 6 oscillator pulses, the frequency decreases to
16.6KHz (fosc = 80 KHz) and the time sharing be-
comes of 67% - 33%.
At the end of the phase change period tphc the
time sharing comes back to 50% - 50% again. It
can be noted that this behaviour allows a faster
phase change and then a higher speed of the
motor. The cost of that, is the increase of the
TOFF of the unchanged phase B and then a small
increase of the ripple of the current IB (see
∆IB1
<
∆IB2 in Fig. 11).
This time sharing current control method is also
used when two indipendent load are driven by
one single channel. when only one load is pre-
sent, such as a DC motor could be, the time shar-
ing is automatically switched OFF and the PWM
frequency becomes fosc/4 = 20KHz. Table 1
shows how the reference voltage can be modified
with a three bits DAC to allow microstepping op-
erations (see below).
Figure 8 - TON Configuration: Motor Windings
MA (A; A).
Figure 9 - TOFF Configuration: Motor Windings
MA (A: A).
L6280
9/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com