Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6280 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6280
Description  THREE CHANNELS MULTIPOWER DRIVER SYSTEM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6280 Datasheet(HTML) 1 Page - STMicroelectronics

  L6280 Datasheet HTML 1Page - STMicroelectronics L6280 Datasheet HTML 2Page - STMicroelectronics L6280 Datasheet HTML 3Page - STMicroelectronics L6280 Datasheet HTML 4Page - STMicroelectronics L6280 Datasheet HTML 5Page - STMicroelectronics L6280 Datasheet HTML 6Page - STMicroelectronics L6280 Datasheet HTML 7Page - STMicroelectronics L6280 Datasheet HTML 8Page - STMicroelectronics L6280 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
L6280
THREE CHANNELS MULTIPOWER DRIVER SYSTEM
ADVANCE DATA
PROGRAMMABLE
CONFIGURATION
(CHANNELS 1 AND 2)
OUTPUT CURRENT UP TO 1A (CHANNELS
1AND 2)
1 SENSE PER CHANNEL
OUTPUT CURRENT CHANNEL 3 UP TO 3A
DIRECT INTERFACE TO MICROPROCESSOR
C-MOS COMPATIBLE INPUT
INTERNAL DC-DC CONVERTER FOR LOGIC
SUPPLY (+5V)
POWER FAIL
WATCHDOG MANAGEMENT
THERMAL PROTECTION
VERY LOW DISSIPATED POWER (SUIT-
ABLE FOR USE IN BATTERY SUPPLIED AP-
PLICATIONS)
DESCRIPTION
The L6280 is a multipower driver system for motor
and solenoid control applicatios that connects di-
rectly to a microprocessor bus. Realized in Mul-
tipower BCD technology -- which combines isolated
DMOS transistors, CMOS & bipolar circuits on the
same chip -- it integrates two 1A motor drivers
(channels 1 & 2) a 3A solenoid driver (channel 3)
and a 5V switchmode power supply.
All of the drivers in the L6280 are controlled by a
microprocessor
which
loads
commands
and
reads diagnostic information, treating the device
as a peripheral. Channels 1 and 2 feature a pro-
grammable output DMOS transistor configuration
that can be set during the initialization phase.
Thanks to very low dissipation of its DMOS power
stages the L6280 needs no heatsink and is pack-
aged in a 44-lead PLCC package.
This is advanced information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
January 1992
MULTIPOWER BCD TECHNOLOGY
BLOCK DIAGRAM
PLCC44
ORDERING NUMBER: L6280
1/26


Similar Part No. - L6280

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6285 STMICROELECTRONICS-L6285 Datasheet
303Kb / 16P
3 CHANNELS MULTIPOWER SYSTEM
May-1994
L6285S STMICROELECTRONICS-L6285S Datasheet
303Kb / 16P
3 CHANNELS MULTIPOWER SYSTEM
May-1994
logo
Hamamatsu Corporation
L6286 HAMAMATSU-L6286 Datasheet
273Kb / 2P
Subminiature LED
L6286 HAMAMATSU-L6286 Datasheet
257Kb / 2P
Infrared LED Subminiature LED
logo
STMicroelectronics
L6287 STMICROELECTRONICS-L6287 Datasheet
91Kb / 9P
POWER COMBO DRIVER
Feb-1997
More results

Similar Description - L6280

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6285 STMICROELECTRONICS-L6285 Datasheet
303Kb / 16P
3 CHANNELS MULTIPOWER SYSTEM
May-1994
logo
SMSC Corporation
EMC1133 SMSC-EMC1133 Datasheet
211Kb / 3P
SST Compliant Hardware Monitor with Three Temperature Channels and Three Voltage Channels
logo
Agamem Microelectronic ...
AA7623SP AGAMEM-AA7623SP Datasheet
76Kb / 4P
Three Channels Video Driver
logo
Integrated Silicon Solu...
IS31FL3218 ISSI-IS31FL3218 Datasheet
342Kb / 13P
18 CHANNELS LED DRIVER
IS31FL3236 ISSI-IS31FL3236 Datasheet
575Kb / 15P
36 CHANNELS LED DRIVER
logo
Global Mixed-mode Techn...
G5968B GMT-G5968B Datasheet
109Kb / 2P
8-Channels LED Driver
logo
STMicroelectronics
STA533WF STMICROELECTRONICS-STA533WF Datasheet
258Kb / 15P
Multipower BCD technology
22-Jun-2011
logo
AMtek SEMICONDUCTORS CO...
AM1217S AMTEK-AM1217S Datasheet
597Kb / 13P
Three Channels Power Driver
Sep. 2014 V1.0
AM1219S AMTEK-AM1219S Datasheet
614Kb / 13P
Three Channels Power Driver
Sep. 2014 V1.0
AM1229D AMTEK-AM1229D Datasheet
469Kb / 10P
Three Channels Power Motor Driver
Sep. 2014 V1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com