Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6280 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L6280
Description  THREE CHANNELS MULTIPOWER DRIVER SYSTEM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6280 Datasheet(HTML) 5 Page - STMicroelectronics

  L6280 Datasheet HTML 1Page - STMicroelectronics L6280 Datasheet HTML 2Page - STMicroelectronics L6280 Datasheet HTML 3Page - STMicroelectronics L6280 Datasheet HTML 4Page - STMicroelectronics L6280 Datasheet HTML 5Page - STMicroelectronics L6280 Datasheet HTML 6Page - STMicroelectronics L6280 Datasheet HTML 7Page - STMicroelectronics L6280 Datasheet HTML 8Page - STMicroelectronics L6280 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
Notes:
1) When driving a unipolar stepper motor the Power Supply Voltage must be lower than 24V.
2) A lower Supply Voltage than the Power Fail threshold disables the Step Down Power Supply (see Fig.2)
3) The minimum output current equals the half of the peak-to-peak current ripple
4) tWD ≅ CWD x 1.5 /50 x 10
-6 (sec)
5) tD ≅ CD x 3.5 /50 x 10
-6 (sec)
6) tC≅ COSC x Rint. (sec); Rint. = 600Ω ± 30%
ELECTRICAL CHARACTERISTICS (continued)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VFLSD
Internal Clamp Diode Forward
Volt. CH3
@IDS = 1A (Fig. 5)
1.1
V
tCW
Chip Seletion to End of Write
(Fig. 6)
700
ns
tWPW
Write Pulse Width
(Fig. 6)
700
ns
tSU
Data Set-up Time
(Fig. 6)
700
ns
tDH
Data Hold-up Time
(Fig. 6)
0
ns
tWC
Write Cycle Time
(Fig. 6)
2.7
ms
Figure 1: Drain Lekage Current Equivalent Test
Circuit . The Gate-to-Source Voltage
VGS is below the Switch-Off
Threshold.
Figure 3: Typical Normalized RDS(ON) vs.
Junction Temperature
L6280
5/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com