Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WILCS02 Datasheet(PDF) 45 Page - Microchip Technology

Part # WILCS02
Description  single chip 2.4 GHz and IEEE 802.11b/g/n-compliant solution
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

WILCS02 Datasheet(HTML) 45 Page - Microchip Technology

Back Button WILCS02 Datasheet HTML 41Page - Microchip Technology WILCS02 Datasheet HTML 42Page - Microchip Technology WILCS02 Datasheet HTML 43Page - Microchip Technology WILCS02 Datasheet HTML 44Page - Microchip Technology WILCS02 Datasheet HTML 45Page - Microchip Technology WILCS02 Datasheet HTML 46Page - Microchip Technology WILCS02 Datasheet HTML 47Page - Microchip Technology WILCS02 Datasheet HTML 48Page - Microchip Technology WILCS02 Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 71 page
background image
WILCS02IC and WILCS02 Family
Electrical Specifications
 Data Sheet
© 2024-2025 Microchip Technology Inc. and its subsidiaries
DS70005557C - 45
Table 3-20. WILCS02 Module Transmitter Performance Characteristics (continued)
RF Characteristics
Standard Operating Conditions: VDD=VDDIO= 3.0V to
3.6V (unless otherwise stated)
Operating Temperature:
-40°C ≤ TA ≤ +85°C for Industrial
Param.
No.
Characteristics
Description(8)
Min.
Typ(3)
Max.
Units
WF_TX_6 Harmonic output power
(Radiated, Regulatory mode)
2nd
—
42
74(7)
dBuV/m
3rd
—
Below noise floor
74(7)
Notes: 
1. Measured at IEEE® 802.11 specification compliant Error Vector Magnitude (EVM)/Spectral mask
2. Measured after RF matching network (assume 50Ω impedance)
3. RF performance is ensured at 3.3V, 25°C, with a 2-3 dB change at boundary conditions.
4. With respect to TX power, different (higher/lower) RF output power settings can be used for specific antennas and/or
enclosures, in which case, re-certification can be required. Program the custom gain table to control the transmit power
using the MCHPRT3 tool.
5. The availability of some specific channels and/or operational frequency bands are country-dependent and must be
programmed in the host product at the factory to match the intended destination. Regulatory bodies prohibit exposing
the settings to the end user. This requirement needs to be taken care of via host implementation.
6. The host product manufacturer must ensure that the RF behavior adheres to the certification (for example, FCC, ISED)
requirements when the module is installed in the final host product.
7. FCC Radiated Emission limits (Restricted Band)
8. This parameter is characterized but not tested in manufacturing.
9. This parameter is characterized and tested in manufacturing.
3.2.4.3 WILCS02 Module Receiver and Transmitter Characteristics Graphs
Figure 3-12. Receive Current vs Temperature, MCS7, Channel 7, 3.3V
0
20
40
60
80
100
120
-40
-20
0
25
45
65
85
Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com