Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WILCS02 Datasheet(PDF) 49 Page - Microchip Technology

Part # WILCS02
Description  single chip 2.4 GHz and IEEE 802.11b/g/n-compliant solution
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

WILCS02 Datasheet(HTML) 49 Page - Microchip Technology

Back Button WILCS02 Datasheet HTML 45Page - Microchip Technology WILCS02 Datasheet HTML 46Page - Microchip Technology WILCS02 Datasheet HTML 47Page - Microchip Technology WILCS02 Datasheet HTML 48Page - Microchip Technology WILCS02 Datasheet HTML 49Page - Microchip Technology WILCS02 Datasheet HTML 50Page - Microchip Technology WILCS02 Datasheet HTML 51Page - Microchip Technology WILCS02 Datasheet HTML 52Page - Microchip Technology WILCS02 Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 71 page
background image
WILCS02IC and WILCS02 Family
Electrical Specifications
 Data Sheet
© 2024-2025 Microchip Technology Inc. and its subsidiaries
DS70005557C - 49
Figure 3-19. RX RSSI vs RX Input Power, MCS7, 3.3V, 25
℃
-73.00
-68.00
-63.00
-58.00
-53.00
-48.00
-43.00
-38.00
-33.00
-28.00
-23.00
-18.00
-73
-68
-63
-58
-53
-48
-43
-38
-33
-28
-23
-18
RX Input Power
Figure 3-20. RX Sensitivity vs Channel, MCS7, 3.3V, 25
℃
-100.00
-90.00
-80.00
-70.00
-60.00
-50.00
-40.00
-30.00
-20.00
1
2
3
4
5
6
7
8
9
10
11
12
13
Channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com