Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV861 Datasheet(PDF) 2 Page - Microchip Technology

Part # HV861
Description  Low-Noise Dimmable Dual EL Lamp Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV861 Datasheet(HTML) 2 Page - Microchip Technology

  HV861 Datasheet HTML 1Page - Microchip Technology HV861 Datasheet HTML 2Page - Microchip Technology HV861 Datasheet HTML 3Page - Microchip Technology HV861 Datasheet HTML 4Page - Microchip Technology HV861 Datasheet HTML 5Page - Microchip Technology HV861 Datasheet HTML 6Page - Microchip Technology HV861 Datasheet HTML 7Page - Microchip Technology HV861 Datasheet HTML 8Page - Microchip Technology HV861 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
HV861
DS20005911B-page 2
2023-2026 Microchip Technology Inc. and its subsidiaries
Functional Block Diagram
V
CS
V
CS
V
CS
EL1
COM1
EL2
COM2
Output
Drivers
V
SENSE
1.26V
V
REF
PWM Switch
Oscillator
0 to 88%
2 x EL Freq.
1 x EL Freq.
CS
LX
VDD
EN1
EN2
RSW-Osc
VREG
VOUT
GND
REL-Osc
PWM VREF
EL1 Enable
EL2 Enable
60pF
C
+
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com