Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV861 Datasheet(PDF) 13 Page - Microchip Technology

Part # HV861
Description  Low-Noise Dimmable Dual EL Lamp Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV861 Datasheet(HTML) 13 Page - Microchip Technology

Back Button HV861 Datasheet HTML 9Page - Microchip Technology HV861 Datasheet HTML 10Page - Microchip Technology HV861 Datasheet HTML 11Page - Microchip Technology HV861 Datasheet HTML 12Page - Microchip Technology HV861 Datasheet HTML 13Page - Microchip Technology HV861 Datasheet HTML 14Page - Microchip Technology HV861 Datasheet HTML 15Page - Microchip Technology HV861 Datasheet HTML 16Page - Microchip Technology HV861 Datasheet HTML 17Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
2023-2026 Microchip Technology Inc. and its subsidiaries
DS20005911B-page 13
HV861
RECOMMENDED LAND PATTERN
Dimension Limits
Units
C2
Optional Center Pad Width
Contact Pad Spacing
Optional Center Pad Length
Contact Pitch
Y2
X2
1.65
1.65
MILLIMETERS
0.50 BSC
MIN
E
MAX
2.90
Contact Pad Length (X16)
Contact Pad Width (X16)
Y1
X1
0.85
0.30
Microchip Technology Drawing C04-2303A
NOM
16-Lead Very, Very Thin Plastic Quad Flat, No Lead Package (3P) - 3x3 mm Body
SILK SCREEN
1
2
16
C1
C2
E
X1
Y1
G1
Y2
X2
C1
Contact Pad Spacing
2.90
Contact Pad to Center Pad (X16)
G1
0.20
Thermal Via Diameter
V
Thermal Via Pitch
EV
0.30
1.00
ØV
EV
EV
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
Dimensioning and tolerancing per ASME Y14.5M
For best soldering results, thermal vias, if used, should be filled or tented to avoid solder loss during
reflow process
1.
2.
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
[WQFN]; Supertex Legacy Package K7
© 2021 Microchip Technology Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com