Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV861 Datasheet(PDF) 4 Page - Microchip Technology

Part # HV861
Description  Low-Noise Dimmable Dual EL Lamp Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV861 Datasheet(HTML) 4 Page - Microchip Technology

  HV861 Datasheet HTML 1Page - Microchip Technology HV861 Datasheet HTML 2Page - Microchip Technology HV861 Datasheet HTML 3Page - Microchip Technology HV861 Datasheet HTML 4Page - Microchip Technology HV861 Datasheet HTML 5Page - Microchip Technology HV861 Datasheet HTML 6Page - Microchip Technology HV861 Datasheet HTML 7Page - Microchip Technology HV861 Datasheet HTML 8Page - Microchip Technology HV861 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
HV861
DS20005911B-page 4
2023-2026 Microchip Technology Inc. and its subsidiaries
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings( †)
Supply Voltage, VDD ................................................................................................................................. –0.5V to 5.5V
Output Voltage, VCS .............................................................................................................................. –0.5V to +120V
Operating Ambient Temperature Range, TA .......................................................................................... –40°C to +85°C
Storage Temperature Range, TS ......................................................................................................... –65°C to +150°C
Power Dissipation:
16-lead WQFN (3 X 3) ................................................................................................................................. 1.6W
† Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to
the device. This is a stress rating only, and functional operation of the device at those or any other condi-
tions above those indicated in the operational sections of this specification is not intended. Exposure to
maximum rating conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
Parameter
Sym.
Min. Typ. Max. Unit
Conditions
Input Voltage
VDD
2.5
—
4.5
V
Switching Frequency
fSW
40
—
200
KHz
EL Lamp Frequency
fEL
150
—
500
Hz
EL Lamp Capacitance Load
CLOAD
0
—
20
nF
Operating Ambient Temperature
TA
–40
—
+85
°C
ELECTRICAL CHARACTERISTICS
Electrical Specifications: Over recommended operating conditions unless otherwise specified.
Parameter
Sym.
Min. Typ. Max. Unit
Conditions
On-resistance of Switching Transistor
RDS(ON)
—
—
7
Ω
I = 100 mA
Maximum Output Regulation Voltage
VCS
80
90
100
V
VDD = 2.5V to 4.5V
Output Regulation Voltage
VCS
—
78
—
V
VDD = 2.5V to 4.5V,
VREG = 1.092V
—
62
—
V
VDD = 2.5V to 4.5V,
VREG = 0.862V
—
45
—
V
VDD = 2.5V to 4.5V,
VREG = 0.632V
External Input Voltage Range
VREG
0
—
1.40
V
VDD = 2.5V to 4.5V
VREF Output High Voltage
VREFH
1.12 1.26
140
V
VDD = 2.5V to 4.5V
Quiescent VDD Supply Current
IDDQ
—
—
150
nA
EN = Low
Average Sourcing Current from VREF Pin IREF(SOURCE) —
6
—
µA
VDD = 2.5V to 4.5V
Average Sinking Current from VREF Pin
IREF(SINK)
—
6
—
µA
VDD = 2.5V to 4.5V
Quiescent VDD Supply Current
IDDQ
—
—
300
nA
VDD = 2.5V,
EN1 = EN2 = PWM = low
—
—
400
nA
VDD = 3V,
EN1 = EN2 = PWM = low
—
—
500
nA
VDD = 4.5V,
EN1 = EN2 = PWM = low
Input Current going into the VDD Pin
IDD
—
—
250
µA
VDD = 2.5V to 4.5V,
REL = 2 MΩ, RSW = 825 kΩ
Input Current including Inductor Current
IIN
—
25
50
mA VIN = 3.2V See Figure 3-1.
EL Lamp Frequency
fEL
160
190
220
Hz
REL = 2 MΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com