Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV861 Datasheet(PDF) 1 Page - Microchip Technology

Part # HV861
Description  Low-Noise Dimmable Dual EL Lamp Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV861 Datasheet(HTML) 1 Page - Microchip Technology

  HV861 Datasheet HTML 1Page - Microchip Technology HV861 Datasheet HTML 2Page - Microchip Technology HV861 Datasheet HTML 3Page - Microchip Technology HV861 Datasheet HTML 4Page - Microchip Technology HV861 Datasheet HTML 5Page - Microchip Technology HV861 Datasheet HTML 6Page - Microchip Technology HV861 Datasheet HTML 7Page - Microchip Technology HV861 Datasheet HTML 8Page - Microchip Technology HV861 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
2023-2026 Microchip Technology Inc. and its subsidiaries
DS20005911B-page 1
HV861
Features
• Adjustable Output Regulation for Dimming
• Lamp Fade-in/Fade-out Capability
• Low Audible Noise
• 180 VPP Output Voltage for Higher Brightness
• 1.5V Enable Input Logic High
• Single-cell Lithium Ion-compatible
• One Miniature Inductor to Power both Lamps
• Separately Adjustable Lamp and Converter
Frequencies
• Split Supply Capability
Applications
• Dual Display Cellular Phones
• Keypad and LCD Backlighting
• Personal Digital Assistant (PDA)
• Handheld Wireless Communication Products
• Global Positioning Systems (GPS)
General Description
The HV861 is a low-noise dimmable high-voltage dual EL
lamp driver designed for driving two electroluminescent
(EL) lamps with a combined area of 5 in2. The input
supply voltage range is from 2.5V to 4.5V. Enable input
logic high can go as low as 1.5V, which allows logic
interface operating from typical 1.8V supplies. The
device is designed to minimize audible noise emitted by
the EL lamps.
The device uses a single inductor and a minimum
number of passive components. With the internal
reference voltage, the regulated output voltage is at a
nominal value of 90V. The EL lamps therefore see ±90V.
The two EL lamps can be turned on and turned off using
two CMOS logic inputs, EN1 and EN2. The driver is
disabled when both EN1 and EN2 are at logic low.
The HV861 has two internal oscillators, a switching
MOSFET, and two high-voltage EL lamp driver
H-bridges. Each driver has its own half-bridge common
output, COM1 and COM2, which significantly minimizes
the DC offset seen by the EL lamp. The frequency for the
switching MOSFET is set by an external resistor
connected between the RSW-Osc pin and the supply pin,
VDD. The EL lamp driver frequency is set by an external
resistor connected between the REL-Osc pin and the VDD
pin. An external inductor is connected between the LX
and VDD pins or VIN for split supply applications.
Depending upon the EL lamp sizes, a 1 nF to 10 nF
capacitor is connected between the CS and ground. As
the switching MOSFET charges the external inductor
and discharges it into the capacitor at CS, the voltage at
CS starts to increase. Once the voltage at CS reaches a
nominal value of 90V, the switching MOSFET is turned
off to conserve power.
EL lamp dimming can be accomplished by applying a
PWM logic signal to the PWM pin. The EL lamp
brightness will be inversely proportional to the PWM duty
cycle. The HV861 can also slowly turn on or turn off the
EL lamp, giving a fade on/off appearance.
Package Type
See Table 2-1 for pin information.
16-lead WQFN
(Top view)
1
12
2
3
4
5
6
7
8
9
10
11
13
14
15
16
VREF VREG
VOUT PWM
EL1
COM1
COM2
EL2
REL-Osc
RSW-Osc
VDD
EN1
EN2 GND
LX
CS
Low-Noise Dimmable Dual EL Lamp Driver
Obsolete Device


Similar Part No. - HV861

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV861 SUTEX-HV861 Datasheet
684Kb / 7P
Dimmable, Low Noise, Dual EL Lamp Driver
HV861 SUTEX-HV861 Datasheet
588Kb / 7P
Dimmable, Low Noise, Dual EL Lamp Driver
HV861K7-G SUTEX-HV861K7-G Datasheet
684Kb / 7P
Dimmable, Low Noise, Dual EL Lamp Driver
HV861K7-G SUTEX-HV861K7-G Datasheet
588Kb / 7P
Dimmable, Low Noise, Dual EL Lamp Driver
HV861 SUTEX-HV861_10 Datasheet
588Kb / 7P
Dimmable, Low Noise, Dual EL Lamp Driver
More results

Similar Description - HV861

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV860 SUTEX-HV860 Datasheet
320Kb / 7P
Low Noise Dimmable EL Lamp Driver
HV835 SUTEX-HV835 Datasheet
242Kb / 6P
Low Noise Dual EL Lamp Driver
HV845 SUTEX-HV845 Datasheet
423Kb / 6P
Low Noise Dual EL Lamp Driver
HV843DB1 SUTEX-HV843DB1 Datasheet
319Kb / 2P
Low Noise, Dual EL Lamp Driver
HV845DB1 SUTEX-HV845DB1 Datasheet
307Kb / 2P
Low Noise, Dual EL Lamp Driver
HV862 SUTEX-HV862 Datasheet
698Kb / 7P
Dimmable, Low Noise, Dual EL Lamp Driver
HV861 SUTEX-HV861 Datasheet
684Kb / 7P
Dimmable, Low Noise, Dual EL Lamp Driver
HV881 SUTEX-HV881 Datasheet
745Kb / 8P
Dimmable, Low Noise, 16 channel EL Lamp Driver
HV861 SUTEX-HV861_10 Datasheet
588Kb / 7P
Dimmable, Low Noise, Dual EL Lamp Driver
HV860 SUTEX-HV860_09 Datasheet
643Kb / 8P
Low Noise, Dimmable EL Lamp Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com