Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC7445 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # MPC7445
Description  RISC Microprocessor Hardware Specifications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7445 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button MPC7445 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
MPC7448 RISC Microprocessor Hardware Specifications, Rev. 4
Freescale Semiconductor
21
Electrical and Thermal Characteristics
5.2.3
IEEE Std. 1149.1 AC Timing Specifications
Table 10 provides the IEEE Std. 1149.1 (JTAG) AC timing specifications as defined in Figure 8 through
Figure 11.
Table 10. JTAG AC Timing Specifications (Independent of SYSCLK)1
At recommended operating conditions. See Table 4.
Parameter
Symbol
Min
Max
Unit
Notes
TCK frequency of operation
fTCLK
033.3
MHz
TCK cycle time
tTCLK
30
ns
TCK clock pulse width measured at 1.4 V
tJHJL
15
ns
TCK rise and fall times
tJR and tJF
—2
ns
TRST assert time
tTRST
25
ns
2
Input setup times:
Boundary-scan data
TMS, TDI
tDVJH
tIVJH
4
0
ns
3
Input hold times:
Boundary-scan data
TMS, TDI
tDXJH
tIXJH
20
25
ns
3
Valid times:
Boundary-scan data
TDO
tJLDV
tJLOV
4
4
20
25
ns
4
Output hold times:
Boundary-scan data
TDO
tJLDX
tJLOX
30
30
ns
4
TCK to output high impedance:
Boundary-scan data
TDO
tJLDZ
tJLOZ
3
3
19
9
ns
4, 5
Notes:
1. All outputs are measured from the midpoint voltage of the falling/rising edge of TCLK to the midpoint of the signal in question.
The output timings are measured at the pins. All output timings assume a purely resistive 50-
Ω load (see Figure 7).
Time-of-flight delays must be added for trace lengths, vias, and connectors in the system.
2. TRST is an asynchronous level sensitive signal. The time is for test purposes only.
3. Non-JTAG signal input timing with respect to TCK.
4. Non-JTAG signal output timing with respect to TCK.
5. Guaranteed by design and characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com