Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC7445 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MPC7445
Description  RISC Microprocessor Hardware Specifications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7445 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MPC7445 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 60 page
background image
MPC7448 RISC Microprocessor Hardware Specifications, Rev. 4
8
Freescale Semiconductor
Comparison with the MPC7447A, MPC7447, MPC7445, and MPC7441
Execution Unit Timings (Latency-Throughput)
Aligned load (integer, float, vector)
3-1, 4-1, 3-1
Misaligned load (integer, float, vector)
4-2, 5-2, 4-2
L1 miss, L2 hit latency with ECC (data/instruction)
12/16
L1 miss, L2 hit latency without ECC (data/instruction)
11/15
9/13
SFX (add, sub, shift, rot, cmp, logicals)
1-1
Integer multiply (32
× 8, 32 × 16, 32 × 32)
4-1, 4-1, 5-2
Scalar float
5-1
VSFX (vector simple)
1-1
VCFX (vector complex)
4-1
VFPU (vector float)
4-1
VPER (vector permute)
2-1
MMUs
TLBs (instruction and data)
128-entry, 2-way
Tablewalk mechanism
Hardware + software
Instruction BATs/data BATs
8/8
8/8
8/8
8/8
4/4
L1 I Cache/D Cache Features
Size
32K/32K
Associativity
8-way
Locking granularity
Way
Parity on I cache
Word
Parity on D cache
Byte
Number of D cache misses (load/store)
5/2
5/1
Data stream touch engines
4 streams
On-Chip Cache Features
Cache level
L2
Size/associativity
1-Mbyte/
8-way
512-Kbyte/8-way
256-Kbyte/8-way
Access width
256 bits
Number of 32-byte sectors/line
2
2
Parity tag
Byte
Byte
Parity data
Byte
Byte
Data ECC
64-bit
Thermal Control
Dynamic frequency switching divide-by-two mode
Yes
Yes
No
No
No
Dynamic frequency switching divide-by-four mode
Yes
No
No
No
No
Thermal diode
Yes
Yes
No
No
No
Table 1. Microarchitecture Comparison (continued)
Microarchitectural Specs
MPC7448
MPC7447A MPC7447 MPC7445 MPC7441



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com