Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC7445 Datasheet(PDF) 31 Page - Freescale Semiconductor, Inc

Part # MPC7445
Description  RISC Microprocessor Hardware Specifications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7445 Datasheet(HTML) 31 Page - Freescale Semiconductor, Inc

Back Button MPC7445 Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 35Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 60 page
background image
MPC7448 RISC Microprocessor Hardware Specifications, Rev. 4
Freescale Semiconductor
31
Package Description
8.3
Package Parameters for the MPC7448, 360 HCTE LGA
The package parameters are as provided in the following list. The package type is 25
× 25 mm, 360 pin
high coefficient of thermal expansion ceramic land grid array (HCTE).
Package outline
25
× 25 mm
Interconnects
360 (19
× 19 ball array – 1)
Pitch
1.27 mm (50 mil)
Minimum module height
1.52 mm
Maximum module height
1.80 mm
Pad diameter
0.89 mm (35 mil)
Coefficient of thermal expansion12.3 ppm/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com