Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPF0900AMBA0ES Datasheet(PDF) 132 Page - NXP Semiconductors

Part # MPF0900AMBA0ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMBA0ES Datasheet(HTML) 132 Page - NXP Semiconductors

Back Button MPF0900AMBA0ES Datasheet HTML 128Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 129Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 130Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 131Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 132Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 133Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 134Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 135Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 136Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
VLDOx_RUN[4:0] VLDOx_STBY[4:0]
VLDOxMON monitoring voltage
01001
1.10 V
01010
1.15 V
01011
1.20 V
01100
1.25 V
01101
1.30 V
01110
1.40 V
01111
1.50 V
10000
1.80 V
10001
1.90 V
10010
2.00 V
10011
2.10 V
10100
2.20 V
10101
2.30 V
10110
2.40 V
10111
2.50 V
11000
2.60 V
11001
2.70 V
11010
2.80 V
11011
2.90 V
11100
3.00 V
11101
3.10 V
11110
3.20 V
11111
3.30 V
Table 176. VLDOxMON monitoring voltage configuration bits...continued
In applications where the monitored output require dynamic voltage scaling during the system operation, the
MCU must manage the voltage transitions in a safe way at system level.
In order to manage dynamic transition of the external voltage, the VLDOxMON block provides a programmable
masking timer to prevent OV/UV conditions from happening during the external voltage transition.
When the VLDOxMON voltage selection is changed from one set point to another, the VLDOxMON will mask
the OV and UV fault monitoring for a period of time defined by the VLDOxMON_TMASK[1:0] bits. The default
value for the masking timer is set in OTP registers via the OTP_VLDOxMON_TMASK[1:0] bits.
VLDOxMON_TMASK[1:0]
VLDOxMON masking timer
00
500 µs
01
1000 µs
10
2000 µs
11
5000 µs
Table 177. VLDOxMON masking timer configuration bits
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
132 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com