| Electronic Components Datasheet Search |
|
MPF0900AMBA0ES Datasheet(PDF) 54 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPF0900AMBA0ES Datasheet(HTML) 54 Page - NXP Semiconductors |
|
54 / 205 page ![]() NXP Semiconductors PF09 Nine-channel power management IC with advanced system safety monitoring If the OV/UV fault is acknowledged before the fault timer is expired, the fault timer is stopped and the system will resume normal operation until a new OV/UV condition is detected. If the OV/UV fault is not acknowledged before the fault timer expires, the PMIC will generate a hard fault and start a full power-down sequence, including the VAON regulator at the end of the power-down sequence. The power-down delay will be applied after the VAON is disabled, to allow the VAON output to be discharged. Once the power-down sequence is finished, the device will proceed to the Fail-safe transition and the VAON supply will be re-enabled as soon as the state machine enters the LPOFF state. When the VAON is operating in Reset mode, the VAON_OV_BYP and the VAON_UV_BYP bits are used to bypass the protective reaction of the OV/UV condition, however the PF09 will still generate the corresponding interrupt event to allow the system to track the fault conditions with a lower priority. In Reset mode, the following VAON configuration bits have no effect on the fault management strategy for the VAON regulator. • VAON_FLT_REN • VAON_OV_STATE • VAON_UV_STATE The table below summarizes the fault management strategy for the VAON supply in Always-on node. State Fault mode (OTP_VAON_FMODE) Fault reaction OFF states Don’t care An UV condition in the VAON supply crossing the VAON_LP_UV threshold will generate a self-reset of its output. OTP_VAON_FMODE = 0 OV/UV interrupt is generated PGOOD Asserted. Fault counter increased. Global fault timer started. RUN state and monitored STANDBY OTP_VAON_FMODE = 1 OV/UV Interrupt is generated PGOOD asserted. Fault counter increased. VAON fault timer started. MCU must acknowledge and clear OV/UV flags. If fault condition is cleared, return to normal operation If fault condition is not cleared, hard fault includes VAON. OTP_VAON_FMODE = 0 UV/OV conditions are ignored. Low-power STANDBY OTP_VAON_FMODE = 1 An UV crossing the VAON_LP_UV threshold will generate a full PMIC power down (including the VAON) Table 53. VAON always-on fault management strategy 12.6.3.2 VAON as system regulator When VAON is configured as a system regulator, the OTP_VAON_FMODE bit has no effect on the reaction when an OV/UV fault is detected in the VAON supply. In order to allow the lowest power consumption during the low-power STANDBY state, the OV/UV monitoring circuits are disabled, therefore the PF09 will not detect any OV/UV condition in the VAON output. During the SYSTEM ON states (RUN and Monitored STANDBY states), the PF09 will react to an OV/UV following the same rules as defined in in the fault management for system regulators: • OV/UV interrupt flag is set and INTB pin asserted if the interrupt is not masked. PF09 All information provided in this document is subject to legal disclaimers. © 2026 NXP B.V. All rights reserved. Product data sheet Rev. 1.3 — 16 December 2025 Document feedback 54 / 205 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |