Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPF0900AMBA0ES Datasheet(PDF) 7 Page - NXP Semiconductors

Part # MPF0900AMBA0ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMBA0ES Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button MPF0900AMBA0ES Datasheet HTML 3Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 4Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 5Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 6Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 7Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 8Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 9Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 10Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
6 Device versioning
The PF09 is a family of devices aiming to provide versatile and scalable power management to various types
of automotive and industrial systems and platforms. Here is an example showing decoding of the PF09 part
number nomenclature:
PPF09
00AMDA0ES
At the first level, the PF09 family features various device members with a scalable number of channels with pin-
to-pin and software compatibility, to improve system cost optimization. Hardware scalability is identified by the
last two digits of the device core number, for example, PF09
XX.
At the second level, each device allows functional safety scalability to meet the needs of automotive
applications ranging from QM up to ASIL D, as well as industrial applications targeting a safety integrity level up
to SIL 2.
Automotive QM =
M
Automotive ASIL B =
B
Automotive ASIL D =
D
Industrial SIL 2 =
S
Table 3 below provides the functional safety feature partitioning for all standard safety grades.
Safety Functions [1] [2]
QM
ASIL B
ASIL D
SIL 2
External VMON1
N/A
Available[3]
Available[3]
Available[3]
External VMON2
N/A
Available[3]
Available[3]
Available[3]
FCCU interface
N/A
Available
Available
Available
ERRMON Interface
N/A
N/A
Available
Available
VIN_OV monitor
Available
Available
Available
Available
Watchdog manager
Static watchdog
Static watchdog
Dynamic watchdog
Static watchdog
FS0B operating mode
Fault mode
Active safe state
Active safe state
Active safe state
Self-test routine
N/A
Enabled
Enabled
Enabled
ABIST on demand
N/A
N/A
Available
Available
LBIST routine
N/A
N/A
Power-up /
on- demand
Power-up /
on- demand
Dynamic cyclic
redundancy check (CRC)
N/A
N/A
Enabled
Enabled
Bandgap monitor
Interrupt only
Interrupt / shutdown
Interrupt / shutdown
Interrupt / shutdown
VDIG overvoltage (OV)
Interrupt only
Interrupt / shutdown
Interrupt / shutdown
Interrupt / shutdown
DMS safety handshake
N/A
N/A
Enabled
Enabled
Table 3. Device versioning strategy
[1]
Available features can be enabled or disabled in OTP. Please refer to the specific OTP configuration report for specific information.
[2]
Enabled features are enabled all the time to provide real-time protection.
[3]
May not be available in some part numbers with a reduced feature set.
Note that the first and second levels of customization are done at the fab, therefore, features marked as N/A in
a specific device means they are not physically present on the device. To get the desired functionality, it may
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
7 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com