| Electronic Components Datasheet Search |
|
MPF0900AMBA0ES Datasheet(PDF) 82 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPF0900AMBA0ES Datasheet(HTML) 82 Page - NXP Semiconductors |
|
82 / 205 page ![]() NXP Semiconductors PF09 Nine-channel power management IC with advanced system safety monitoring If the XFAILB pin is pulled down externally, the device will prevent the Power-up sequence from starting until the pin is no longer held low externally. This will help the PMICs to synchronize the Power-up sequence, only after all PMICs are ready to initiate a power-up sequence. aaa-056066 Power-up sequence Self-test LPOFF States DBG OFF XFAILB during power-up SYSTEM ON Bidirectional XFAILB (power up) PWRON XFAILB RSTB POWER-UP SEQUENCE Figure 21. XFAILB during Power-up 12.8.13.2 Power-down synchronization When two or more PMICs are synchronized using XFAILB, the power-down event can be started locally (requested by the MCU or due to a fault condition) or started externally when the PF09 detects a transition on the XFAILB bit. When an internal power-up sequence failure is detected, the XFAILB pin will be asserted low right before the device starts turning off all the supplies that were already turned on during the Power-up sequence. If XFAILB is asserted low externally during the Power-up sequence, the device will detect an external Power-up sequence failure, assert its own XFAILB pin, and turn off all supplies immediately. During the system-on states, a turn-off event started locally will assert the XFAILB pin before starting the power-down sequence to request a turn-off event on all the devices connected to the XFAILB bus, in order to synchronize the power-down sequence of all the PMICs connected together. During the SYSTEM ON states, If the XFAILB pin is externally pulled low, the PF09 will assert the XFAILB pin low internally, and the device will start a power-down sequence. During a ard reset event (RSTB pin is asserted low), the device will assert the XFAILB pin low before it starts the power-down sequence, and it will hold the XFAILB pin low while the power-down sequence is in progress (including the power-down delay). At this point, the device will load the default configuration, release the XFAILB internally and wait until all PMICs have released the XFAIL bus, to start the new Power-up sequence at the same time. PF09 All information provided in this document is subject to legal disclaimers. © 2026 NXP B.V. All rights reserved. Product data sheet Rev. 1.3 — 16 December 2025 Document feedback 82 / 205 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |