| Electronic Components Datasheet Search |
|
MPF0900AMBA0ES Datasheet(PDF) 59 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPF0900AMBA0ES Datasheet(HTML) 59 Page - NXP Semiconductors |
|
59 / 205 page ![]() NXP Semiconductors PF09 Nine-channel power management IC with advanced system safety monitoring 12.7 System diagnostics 12.7.1 System fault flags The PF09 provides dedicated flags to improve the system diagnostics when fault, reset or turn-off conditions have been detected. System diagnostic flags can be cleared manually by writing a 1 to the corresponding bit, and the values of the flags will remain unchanged as long as the digital supply (VDIG) does not cross the internal POR threshold. The following scenarios will cause a loss of the internal VDIG, hence a loss of the system fault flag: • VIN goes below the VIN_POR threshold • The device is in the ULPOFF state. • VDIG supply is shorted externally (fault condition) Table 56 provides a summary of the system diagnostic faults available in the PF09 devices. Diagnostic flag Description DCRC_FLG Flag is set when a dynamic CRC error is present DFS_FLG Flag is set when device is waking up from the DFS state VIN_OV_FLG Flag is set when a VIN_OV condition is present XFAIL_FLG Flag is set when a power-down event was initiated via the XFAILB pin. WD_FLG Flag is set when a watchdog reset event is initiated. XRESET_FLG Flag is set when an external reset is requested via the XRESET or FCCU blocks SFAULT_FLG Flag is set when a soft fault is present (OV/UV/ILIM) HFAULT_FLG Flag is set when a hard fault is present. Table 56. System diagnostic flags The hard-fault event has dedicated flags to trace the source of failure. Hard-fault Flag Description UVDET_FAIL This flag is set automatically when the device crosses the UVDET threshold in the rising edge, to indicate the device is waking up from the DFS state after a VIN < UVDET condition. RSTB_FAIL The RSTB is externally held low for longer than the OTP_RSTB_TSHORT[1:0] PU_FAIL A power-up failure started the hard fault. RESET_FAIL The Reset counter reaches the maximum number of events allowed. (RESET_CNT[3:0] = RESET_MAX[3:0]) FLTCNT_FAIL The Fault counter reaches the maximum number of failures allowed. (FAULT_CNT[3:0] = FAULT_MAX_CNT) REG_FAIL A fault condition in a regulator causes a hard fault. (Fault timer, VAON UV not acknowledged) TSD_FAIL A power-down sequence is initiated due to a thermal shutdown event. Table 57. Hard-fault Flags The MCU is able to read the fault flags during the system-on states in order to obtain information about the previous failure, provided the state machine is able to power up successfully after such a failure. PF09 All information provided in this document is subject to legal disclaimers. © 2026 NXP B.V. All rights reserved. Product data sheet Rev. 1.3 — 16 December 2025 Document feedback 59 / 205 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |