Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPF0900AMBA0ES Datasheet(PDF) 139 Page - NXP Semiconductors

Part # MPF0900AMBA0ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMBA0ES Datasheet(HTML) 139 Page - NXP Semiconductors

Back Button MPF0900AMBA0ES Datasheet HTML 135Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 136Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 137Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 138Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 139Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 140Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 141Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 142Page - NXP Semiconductors MPF0900AMBA0ES Datasheet HTML 143Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
however, the internal clock must be set to the frequency closest to the expected input frequency to ensure
seamless transition to the internal clock, in the event a bad external frequency failure is present.
If the external clock is meant to start up after the PMIC has started up, the FSYNC pin must be maintained low
until the external clock is applied.
The FSYNC pin accepts frequencies in two selectable ranges as defined by the FSYNC_RANGE bit.
FSYNC_RANGE
FSYNC input frequency range
0
2.1 MHz to 2.8 MHz
1
333 kHz to 475 kHz
Table 187. FSYNC input frequency range selection bit
By default, the FSYNC_RANGE bit is reset to 1 at power up, and the MCU must set it to the desired operating
range after system startup and proceed to clear the FSYNC_FLT_I condition, to allow the PLL to generate the
switching frequency from the valid external frequency.
The FSYNC pin must receive a clock signal within the selected input range with a duty cycle between 41
% to 59 % to recognize it as a valid frequency. If the external clock is not present or invalid, the device will
automatically switch to the internal clock and set the FSYNC_FLT_I interrupt. The FSYNC_FLT_I will assert the
INTB pin if it is not masked.
The FSYNC_FLT_S bit is set to 1 as long as the frequency watchdog detects an invalid (out of range) input
frequency on the SYNC pin, and it will clear to 0 when the external frequency is back within the valid range.
The PF09 will switch back to the external switching frequency only when the FSYNC_FLT_I interrupt has been
cleared and the frequency watchdog is detecting a valid input frequency.
13.4.2.3 Electrical characteristics
All parameters are specified at TA = -40 °C to 125 °C, unless otherwise noted. Typical values are characterized at VIN = 5 V
and TA = 25 °C unless otherwise noted.
Symbol
Description
Min
Typ
Max
Unit
VFSYNC
FSYNC output voltage level
–
VDDIO
–
V
VOH_FSYNC
FSYNC output high voltage
• Minimum voltage at 2 mA load
VDDO-0.5
–
–
V
IOH_FSYNC
FSYNC output high current
–
–
2
mA
VOL_FSYNC
FSYNC output low voltage
• Maximum voltage at 10 mA load
–
–
0.4
V
IOL_FSYNC
FSYNC output low current
–
–
2
mA
FOUT_FSYNC
FSYNC output frequency
1.9
–
3.1
MHz
tPDLY_FSYNC
FSYNC propagation delay
–
–
35
ns
VIH_FSYNC
FSYNC Input high voltage
• Minimum voltage to ensure a HIGH state
0.7*VDDIO
–
–
V
VIL_FSYNCOUT
FSYNC Input low voltage
• Maximum voltage to ensure a LOW state
–
–
0.4
V
IHYS_FSYNCOUT
FSYNC Input buffer hysteresis
100
–
400
mV
IIN_LEAK_FSYNC
FSYNC input leakage
• Pin shorted to 5.5 V
–
–
1
μA
Table 188. FSYNC electrical characteristics
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
139 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com