Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN8804D Datasheet(PDF) 30 Page - Microchip Technology

Part # LAN8804D
Description  4-Port Gigabit Ethernet Transceiver with QSGMII Support
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8804D Datasheet(HTML) 30 Page - Microchip Technology

Back Button LAN8804D Datasheet HTML 26Page - Microchip Technology LAN8804D Datasheet HTML 27Page - Microchip Technology LAN8804D Datasheet HTML 28Page - Microchip Technology LAN8804D Datasheet HTML 29Page - Microchip Technology LAN8804D Datasheet HTML 30Page - Microchip Technology LAN8804D Datasheet HTML 31Page - Microchip Technology LAN8804D Datasheet HTML 32Page - Microchip Technology LAN8804D Datasheet HTML 33Page - Microchip Technology LAN8804D Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 89 page
background image
LAN8804D
DS00003591K-page 30
© 2026 Microchip Technology Inc. and its subsidiaries
5.2.3
ANALOG-TO-DIGITAL CONVERTER (ADC)
In 1000BASE-T mode, the ADC digitizes the incoming signal. ADC performance is essential to the overall performance
of the transceiver.
This circuit is disabled in 10BASE-T/100BASE-TX mode.
5.2.4
TIMING RECOVERY CIRCUIT
In 1000BASE-T mode, the mixed-signal clock recovery circuit together with the digital PLL is used to recover and track
the incoming timing information from the received data. The digital PLL has very low long-term jitter to maximize the
signal-to-noise ratio of the receive signal.
The 1000BASE-T slave PHY must transmit the exact receive clock frequency recovered from the received data back to
the 1000BASE-T master PHY. Otherwise, the master and slave will not be synchronized after long transmission. This
also helps to facilitate echo cancellation and NEXT removal.
5.2.5
ADAPTIVE EQUALIZER
In 1000BASE-T mode, the adaptive equalizer provides the following functions:
• Detection for partial response signaling
• Removal of NEXT and ECHO noise
• Channel equalization
Signal quality is degraded by residual echo that is not removed by the analog hybrid because of impedance mismatch.
The device uses a digital echo canceler to further reduce echo components on the receive signal.
In 1000BASE-T mode, data transmission and reception occurs simultaneously on all four pairs of wires (four channels).
This results in high-frequency cross-talk coming from adjacent wires. The device uses three NEXT cancelers on each
receive channel to minimize the cross-talk induced by the other three channels.
In 10BASE-T/100BASE-TX mode, the adaptive equalizer needs only to remove the inter-symbol interference and
recover the channel loss from the incoming data.
5.2.6
TRELLIS ENCODER AND DECODER
In 1000BASE-T mode, the transmitted 8-bit data is scrambled into 9-bit symbols and further encoded into 4D-PAM5
symbols. The initial scrambler seed is determined by the specific PHY address to reduce EMI when more than one
device is used on the same board. On the receiving side, the idle stream is examined first. The scrambler seed, pair
skew, pair order, and polarity must be resolved through the logic. The incoming 4D-PAM5 data is then converted into 9-
bit symbols and de-scrambled into 8-bit data.
5.3
Auto MDI/MDIX (Pair-Swap)
The Automatic MDI/MDI-X feature eliminates the need to determine whether to use a straight cable or a crossover cable
between the device and its link partner. This auto-sense function detects the MDI/MDI-X pair mapping from the link part-
ner, and assigns the MDI/MDI-X pair mapping of the device accordingly.
Table 5-1 shows the device 10/100/1000 pin configuration assignments for MDI/MDI-X pin mapping.
TABLE 5-1:
MDI/MDI-X PIN MAPPING
Pin
(RJ-45 Pair)
MDI
MDI-X
1000BASE-T
100BASE-T
10BASE-T
1000BASE-T
100BASE-T
10BASE-T
TX_RXP/N_A_x
(1, 2)
A+/-
TX+/-
TX+/-
B+/-
RX+/-
RX+/-
TX_RXP/N_B_x
(3, 6)
B+/-
RX+/-
RX+/-
A+/-
TX+/-
TX+/-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com