Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN8804D Datasheet(PDF) 63 Page - Microchip Technology

Part # LAN8804D
Description  4-Port Gigabit Ethernet Transceiver with QSGMII Support
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8804D Datasheet(HTML) 63 Page - Microchip Technology

Back Button LAN8804D Datasheet HTML 59Page - Microchip Technology LAN8804D Datasheet HTML 60Page - Microchip Technology LAN8804D Datasheet HTML 61Page - Microchip Technology LAN8804D Datasheet HTML 62Page - Microchip Technology LAN8804D Datasheet HTML 63Page - Microchip Technology LAN8804D Datasheet HTML 64Page - Microchip Technology LAN8804D Datasheet HTML 65Page - Microchip Technology LAN8804D Datasheet HTML 66Page - Microchip Technology LAN8804D Datasheet HTML 67Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 89 page
background image
LAN8804D
© 2026 Microchip Technology Inc. and its subsidiaries
DS00003591K-page 63
6.5
DC Specifications
Note 6-6
XI can optionally be driven from a 25 MHz single-ended clock oscillator to which these specifications
apply.
Note 6-7
The maximum input frequency for LVDS1/LVDS2 pins is 150 MHz.
TABLE 6-5:
NON-VARIABLE I/O DC ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Min
Typ
Max
Unit
Note
ICLK Type Input Buffer
Low Input Level
High Input Level
Input Leakage
VIL
VIH
IIH
—
2.0
-10
—
—
—
0.5
—
10
V
V
µA
Note 6-6
LVDS1 Type Input Buffer
Input Common mode
Voltage Range
Input Peak Diff. Voltage
VCM
VID
VID/2
100
—
—
2.4-VID/2
600
V
mV
Note 6-7
LVDS2 Type Input Buffer
Input Common mode
Voltage Range
Input Peak Diff. Voltage
VCM
VID
0
300
—
—
1.1
—
V
mV
Note 6-7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com