Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN8804D Datasheet(PDF) 83 Page - Microchip Technology

Part # LAN8804D
Description  4-Port Gigabit Ethernet Transceiver with QSGMII Support
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8804D Datasheet(HTML) 83 Page - Microchip Technology

Back Button LAN8804D Datasheet HTML 79Page - Microchip Technology LAN8804D Datasheet HTML 80Page - Microchip Technology LAN8804D Datasheet HTML 81Page - Microchip Technology LAN8804D Datasheet HTML 82Page - Microchip Technology LAN8804D Datasheet HTML 83Page - Microchip Technology LAN8804D Datasheet HTML 84Page - Microchip Technology LAN8804D Datasheet HTML 85Page - Microchip Technology LAN8804D Datasheet HTML 86Page - Microchip Technology LAN8804D Datasheet HTML 87Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 89 page
background image
LAN8804D
© 2026 Microchip Technology Inc. and its subsidiaries
DS00003591K-page 83
Table 6-11, "Power
Sequencing Timing Values"
“tvr” row updated. Previously, Min column had no
value, Max was 200 and the Units were in µs.
Update changed Min to 0.1, Max to 100 and Units to
ms.
DS00003591G (06-21-24)
Table 3-5, "Miscellaneous
Pins"
• In description for General Purpose I/O,
inserted a table from Errata document regard-
ing buffer type configuration, replacing a now
obsolete note.
• Renamed “test_a1_a2_en” to “disable_m-
do_drv”
DS00003591F (04-13-23)
Product Identification Sys-
tem
Added Silicon Revision
Table 5-12, "JTAG Op
Codes"
Op Codes “EXTEST_PULSE” and
“EXTEST_TRAIN” removed from table and marked
as “RESERVED”.
Section 6.0, "Operational
Characteristics"
Absolute Maximum Ratings Supply Voltage
(VDDAL_x, VDDTXL_SERDES, VDDCORE)
changed from: “-0.5V to +1.21V”
to: “-0.5V to +1.27V”.
Section 6.2, "Operating Con-
ditions**"
Operating Conditions Supply Voltage (VDDAL_x,
VDDTXL_SERDES, VDDCORE) changed from:
“+1.16V to +1.21V” to:
“(-5%/+5%) +1.15V to +1.27V”.
Table 6-7, "Worst-Case Four
Port (1.27V, 3.465V, 3.465V)
Power Consumption",
Table 6-8, "Worst-Case Four
Port (1.27V, 2.625V, 2.625V)
Power Consumption",
Table 6-9, "Worst-Case Four
Port (1.27V, 2.625V, 1.89V)
Power Consumption"
(Tables removed in Rev. K)
All Worst-Case power numbers updated.
DS00003591E (10-05-22)
Table 1-1, "General Terms",
Section 5.11.2, Non OPEN
Alliance Low Pass Filtered
Error
Corrected errant SQI definitions
Figure 4-2 QSGMII MAC
Interface Connections
Corrected QSGMII_TXP/TXN and QSGMII_RXN/
RXP connections to MAC.
Section 5.11.2,
Section 5.11.3,
Section 5.11.4,
Section 5.11.5
Corrected note to reference Extended Page 1.
Section 5.11.4
Corrected reference to “sqi_squ_mode_en” in sec-
ond note
TABLE A-1:
REVISION HISTORY (CONTINUED)
Revision
Section/Figure/Entry
Correction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com