Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN8804D Datasheet(PDF) 79 Page - Microchip Technology

Part # LAN8804D
Description  4-Port Gigabit Ethernet Transceiver with QSGMII Support
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8804D Datasheet(HTML) 79 Page - Microchip Technology

Back Button LAN8804D Datasheet HTML 75Page - Microchip Technology LAN8804D Datasheet HTML 76Page - Microchip Technology LAN8804D Datasheet HTML 77Page - Microchip Technology LAN8804D Datasheet HTML 78Page - Microchip Technology LAN8804D Datasheet HTML 79Page - Microchip Technology LAN8804D Datasheet HTML 80Page - Microchip Technology LAN8804D Datasheet HTML 81Page - Microchip Technology LAN8804D Datasheet HTML 82Page - Microchip Technology LAN8804D Datasheet HTML 83Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 89 page
background image
LAN8804D
© 2026 Microchip Technology Inc. and its subsidiaries
DS00003591K-page 79
FIGURE 7-2:
128-TQFP PACKAGE (DIMENSIONS)
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
REF: Reference Dimension, usually without tolerance, for information purposes only.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
1.
2.
Pin 1 visual index feature may vary, but must be located within the hatched area.
Dimensioning and tolerancing per ASME Y14.5M
Sheet 2 of 2
SECTION A-A
L1
L
H
3
2
1
R
R1
128-Lead Thin Quad Flat Pack (ZMX) - 14x14x1.0 mm Body [TQFP]
With 9x9 mm Grooved Exposed Pad
Microchip Technology Drawing C04-502 Rev B
c
Molded Package Thickness
Dimension Limits
Mold Draft Angle Top
Foot Length
Lead Width
Molded Package Length
Molded Package Width
Overall Length
Overall Width
Foot Angle
Footprint
Standoff
Overall Height
Lead Pitch
Number of Leads
0.75
0.60
0.45
L
0.16
14.00 BSC
14.00 BSC
16.00 BSC
16.00 BSC
-
1.00 REF
b
D1
E1
0.13
D
E
L1
0°
0.23
7°
1.00
0.40 BSC
128
NOM
MILLIMETERS
A1
A2
A
e
0.05
0.95
-
Units
N
MIN
1.05
0.15
1.20
0.10
-
MAX
Lead Bend Radius
0.08
-
-
Lead Bend Radius
0.08
0.20
-
R
R1
Exposed Pad Length
D2
9.00
8.90
9.10
Exposed Pad Width
E2
Mold Draft Angle Bottom
11°
13°
12°
3
2
Lead Angle
0°
-
-
1
9.00
8.90
9.10
11°
13°
12°
Lead Thickness
-
c
0.09
0.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com