Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO6420FDWVR Datasheet(PDF) 22 Page - Texas Instruments

Part # ISO6420FDWVR
Description  ISO642x General-Purpose, Basic and Reinforced, Dual-Channel Digital Isolators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO6420FDWVR Datasheet(HTML) 22 Page - Texas Instruments

Back Button ISO6420FDWVR Datasheet HTML 18Page - Texas Instruments ISO6420FDWVR Datasheet HTML 19Page - Texas Instruments ISO6420FDWVR Datasheet HTML 20Page - Texas Instruments ISO6420FDWVR Datasheet HTML 21Page - Texas Instruments ISO6420FDWVR Datasheet HTML 22Page - Texas Instruments ISO6420FDWVR Datasheet HTML 23Page - Texas Instruments ISO6420FDWVR Datasheet HTML 24Page - Texas Instruments ISO6420FDWVR Datasheet HTML 25Page - Texas Instruments ISO6420FDWVR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
8.5 Device I/O Schematics
INx
VCCI
VCCI
VCCI
≅1M
≅1k
Figure 8-3. Input (INx) Default High (Device Without
F Suffix Device) Schematics
VCCI
≅1M
INx
VCCI
≅1k
Figure 8-4. Input (INx) Default Low (Device With F
Suffix Device) Schematics
VCCO
≅33
OUTx
Figure 8-5. Output (OUTx) Schematics
8.5.1 Overvoltage Tolerant Input
The input pins of this device, INx, support input signal voltage in excess of the supply voltage (VCCI) on the input
side of the device as long as the voltage on the inputs remains below the voltages listed in the Recommended
Operating Conditions , and Absolute Maximum Ratings .
This allows the device to support input signal voltages on the inputs when the input supply, VCCI, is unpowered.
In this use case, the outputs transition to the default output state when the input side no longer has a valid
supply.
These inputs also provide the capability of the inputs to down translate input signal voltages up to the VIMAX in
the Recommended Operating Conditions . For example, an input signal 5V high-level can be used while VCCI is
operating a 3.3V.
ISO6420, ISO6421
SLLSG12 – AUGUST 2025
www.ti.com
22
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: ISO6420 ISO6421



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com