Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO6420FDWVR Datasheet(PDF) 1 Page - Texas Instruments

Part # ISO6420FDWVR
Description  ISO642x General-Purpose, Basic and Reinforced, Dual-Channel Digital Isolators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO6420FDWVR Datasheet(HTML) 1 Page - Texas Instruments

  ISO6420FDWVR Datasheet HTML 1Page - Texas Instruments ISO6420FDWVR Datasheet HTML 2Page - Texas Instruments ISO6420FDWVR Datasheet HTML 3Page - Texas Instruments ISO6420FDWVR Datasheet HTML 4Page - Texas Instruments ISO6420FDWVR Datasheet HTML 5Page - Texas Instruments ISO6420FDWVR Datasheet HTML 6Page - Texas Instruments ISO6420FDWVR Datasheet HTML 7Page - Texas Instruments ISO6420FDWVR Datasheet HTML 8Page - Texas Instruments ISO6420FDWVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
ISO642x General-Purpose, Basic and Reinforced, Dual-Channel Digital Isolators
1 Features
• Up to 150Mbps data rate
• Robust SiO2 isolation barrier:
– Up to 5000VRMS isolation rating
– Up to 10.4kV surge capability
– Up to ±250kV/μs typical CMTI
– Wide temperature range: –40°C to 125°C
ambient operating
• Supply range: 2.25V to 5.5V
• Overvoltage Tolerant Inputs
• Default output high ( ISO642x ) and low
( ISO642xF ) options
• Low propagation delay: 10ns maximum at 5V,
12ns maximum at 3.3V
• Supports SPI up to: 25MHz at 5V, 20.8MHz at
3.3V
• Low pulse width distortion: 1.8ns maximum at 5V,
2.2ns maximum at 3.3V
• Robust electromagnetic compatibility (EMC)
– System-level ESD, EFT, and surge immunity
– Low emissions
• SOIC (D-8) Package
• Wide-SOIC (DWV-8) Package
• Safety-Related Certifications (Planned):
– DIN EN IEC 60747-17 (VDE 0884-17)
– UL 1577 component recognition program
– IEC 62368-1, IEC 61010-1, IEC 60601-1 and
GB 4943.1 certifications
2 Applications
• Power supplies
• Grid, Electricity meter
• Motor drives
• Factory automation
• Building automation
• Lighting
• Appliances
3 Description
The ISO642x devices are general purpose digital
isolators designed for applications requiring up to
5000VRMS isolation rating per UL 1577. The devices
are also certified by VDE, TUV, CSA, and CQC.
The ISO642x devices provide high EMC performance
while isolating CMOS or LVCMOS digital I/Os.
ISO642x uses SiO2 as the isolation barrier. Each
isolation channel has a logic input and output buffer
separated by the insulation barrier.
The ISO6420 and ISO6420F devices have all
channels in the forward direction. The ISO6421
and ISO6421F devices have one reverse-direction
channel.
In the event of input power or signal loss, the default
output is high for devices without the suffix F and
low for devices with the suffix F. See the Device
Functional Modes section for further details.
Package Information
PART NUMBER(1)
PACKAGE
PACKAGE SIZE(2)
ISO6420 , ISO6420F
ISO6421 , ISO6421F
SOIC (D-8)
6mm × 4.9mm
ISO6420 , ISO6420F
ISO6421 , ISO6421F
Wide-SOIC
(DWV-8)
11.5mm × 5.85mm
(1)
For more information, see Section 12.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
OUTx
GNDO
GNDI
V
CCO
V
CCI
INx
VCCI=Input supply, VCCO=Output supply
GNDI=Input ground, GNDO=Output ground
Simplified Schematic
ISO6420, ISO6421
SLLSG12 – AUGUST 2025
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for preproduction products; subject to change
without notice.


Similar Part No. - ISO6420FDWVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO6420FDWVR TI2-ISO6420FDWVR Datasheet
1Mb / 36P
ISO642x General-Purpose, Basic and Reinforced, Dual-Channel Digital Isolators
AUGUST 2025
ISO6420FDWVR TI2-ISO6420FDWVR Datasheet
1Mb / 44P
ISO642x General-Purpose, Basic and Reinforced, Dual-Channel Digital Isolators
REVISED MARCH 2026
ISO6420FDWVRQ1 TI2-ISO6420FDWVRQ1 Datasheet
2Mb / 43P
ISO642x-Q1 General-Purpose, Basic and Reinforced, Dual-Channel Digital Isolators
APRIL 2026
More results

Similar Description - ISO6420FDWVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7740 TI1-ISO7740_V01 Datasheet
2Mb / 49P
ISO774x High-Speed, Robust-EMC Reinforced and Basic Quad-Channel Digital Isolators
ISO6720-Q1 TI-ISO6720-Q1 Datasheet
2Mb / 48P
ISO672x-Q1 General Purpose Reinforced and Basic Dual-Channel Digital Isolators with Robust EMC
ISO6720-Q1 TI-ISO6720-Q1_V01 Datasheet
2Mb / 51P
ISO672x-Q1 General Purpose Reinforced and Basic Dual-Channel Digital Isolators with Robust EMC
ISO6740 TI-ISO6740 Datasheet
3Mb / 44P
ISO674x General-Purpose Reinforced Quad-Channel Digital Isolators with Robust EMC
ISO6720 TI-ISO6720 Datasheet
3Mb / 46P
ISO672x General Purpose Basic Dual-Channel Digital Isolators with Robust EMC
ISO6720-Q1 TI-ISO6720-Q1_V02 Datasheet
4Mb / 54P
ISO672x-Q1 General Purpose Reinforced and Basic Dual-Channel Digital Isolators with Robust EMC
ISO7740 TI-ISO7740_V02 Datasheet
2Mb / 52P
ISO774x High-Speed, Robust-EMC Reinforced and Basic Quad-Channel Digital Isolators
ISO6720 TI-ISO6720_V01 Datasheet
3Mb / 43P
ISO672x General Purpose Basic Dual-Channel Digital Isolators with Robust EMC
ISO6720 TI-ISO6720_V02 Datasheet
3Mb / 49P
ISO672x General Purpose Basic Dual-Channel Digital Isolators with Robust EMC
REVISED SEPTEMBER 2021
ISO6720-Q1 TI-ISO6720-Q1_V03 Datasheet
4Mb / 58P
ISO672x-Q1 General Purpose Reinforced and Basic Dual-Channel Automotive Digital Isolators with Robust EMC
NOVEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com