Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO6420FDWVR Datasheet(PDF) 4 Page - Texas Instruments

Part # ISO6420FDWVR
Description  ISO642x General-Purpose, Basic and Reinforced, Dual-Channel Digital Isolators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO6420FDWVR Datasheet(HTML) 4 Page - Texas Instruments

  ISO6420FDWVR Datasheet HTML 1Page - Texas Instruments ISO6420FDWVR Datasheet HTML 2Page - Texas Instruments ISO6420FDWVR Datasheet HTML 3Page - Texas Instruments ISO6420FDWVR Datasheet HTML 4Page - Texas Instruments ISO6420FDWVR Datasheet HTML 5Page - Texas Instruments ISO6420FDWVR Datasheet HTML 6Page - Texas Instruments ISO6420FDWVR Datasheet HTML 7Page - Texas Instruments ISO6420FDWVR Datasheet HTML 8Page - Texas Instruments ISO6420FDWVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
5 Pin Configuration and Functions
Pin Configuration for SOIC (D-8) and Wide-SOIC (DWV-8)
1
VCC1
8
VCC2
2
INA
7
OUTA
3
INB
6
OUTB
4
GND1
5
GND2
Not to scale
Figure 5-1. ISO6420 and ISO6420F in Top View
1
VCC1
8
VCC2
2
OUTA
7
INA
3
INB
6
OUTB
4
GND1
5
GND2
Not to scale
Figure 5-2. ISO6421 and ISO6421F Top View
Table 5-1. Pin Functions
PIN
Type(1)
DESCRIPTION
NAME
ISO6420 ,
ISO6420F
ISO6421 ,
ISO6421F
GND1
4
4
—
Ground connection for VCC1
GND2
5
5
—
Ground connection for VCC2
INA
2
7
I
Input, channel A
INB
3
3
I
Input, channel B
OUTA
7
2
O
Output, channel A
OUTB
6
6
O
Output, channel B
VCC1
1
1
—
Power supply, VCC1
VCC2
8
8
—
Power supply, VCC2
(1)
I = Input, O = Output
ISO6420, ISO6421
SLLSG12 – AUGUST 2025
www.ti.com
4
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: ISO6420 ISO6421



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com