Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO6420FDWVR Datasheet(PDF) 7 Page - Texas Instruments

Part # ISO6420FDWVR
Description  ISO642x General-Purpose, Basic and Reinforced, Dual-Channel Digital Isolators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO6420FDWVR Datasheet(HTML) 7 Page - Texas Instruments

Back Button ISO6420FDWVR Datasheet HTML 3Page - Texas Instruments ISO6420FDWVR Datasheet HTML 4Page - Texas Instruments ISO6420FDWVR Datasheet HTML 5Page - Texas Instruments ISO6420FDWVR Datasheet HTML 6Page - Texas Instruments ISO6420FDWVR Datasheet HTML 7Page - Texas Instruments ISO6420FDWVR Datasheet HTML 8Page - Texas Instruments ISO6420FDWVR Datasheet HTML 9Page - Texas Instruments ISO6420FDWVR Datasheet HTML 10Page - Texas Instruments ISO6420FDWVR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
6.5 Power Ratings
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ISO6420 (default high) and ISO6420F (default low, with F suffix)
PD
Maximum power dissipation (both sides)
VCC1 = VCC2 = 5.5V, TJ = 150°C, CL
= 15pF, Input a 75MHz 50% duty cycle
square wave
134
mW
PD1
Maximum power dissipation (side-1)
31.9
mW
PD2
Maximum power dissipation (side-2)
102.1
mW
ISO6421 (default high) and ISO6421F (default low, with F suffix)
PD
Maximum power dissipation (both sides)
VCC1 = VCC2 = 5.5V, TJ = 150°C, CL
=15pF, Input a 75MHz 50% duty cycle
square wave
142
mW
PD1
Maximum power dissipation (side-1)
71
mW
PD2
Maximum power dissipation (side-2)
71
mW
www.ti.com
ISO6420, ISO6421
SLLSG12 – AUGUST 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: ISO6420 ISO6421



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com