Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX364C/D Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX364C/D
Description  Precision, Quad, SPST Analog Switches
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX364C/D Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX364C/D Datasheet HTML 3Page - Maxim Integrated Products MAX364C/D Datasheet HTML 4Page - Maxim Integrated Products MAX364C/D Datasheet HTML 5Page - Maxim Integrated Products MAX364C/D Datasheet HTML 6Page - Maxim Integrated Products MAX364C/D Datasheet HTML 7Page - Maxim Integrated Products MAX364C/D Datasheet HTML 8Page - Maxim Integrated Products MAX364C/D Datasheet HTML 9Page - Maxim Integrated Products MAX364C/D Datasheet HTML 10Page - Maxim Integrated Products MAX364C/D Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
__________Applications Information
Application Hints
1. Switches are open when power is off.
2. IN_, COM_, NO_, and NC_ should not exceed V+ or
V-, even with the power off.
3. Switch leakage is from each analog switch terminal
to V+ or V-, not to the other switch terminal.
Operation with Supply Voltages
Other than ±15VO
The main limitation of supply voltages other than ±15V is
reduction in the analog signal range. The MAX364/MAX365
switches operate with ±5V to ±20V bipolar supplies. The
Typical Operating Characteristics graphs show typical on
resistance for ±15V, ±10V, and ±5V supplies. Switching
times increase by a factor of two or more for ±5V opera-
tion. The MAX364/MAX365 operate from unipolar sup-
plies of +10V to +24V. Both parts can be powered from a
single +10V to +24V supply, as well as from unbalanced
supplies, such as +24V and -5V. Connect V- to 0V when
operating with a single supply. VL must be connected to
+5V to be TTL compatible or to V+ for CMOS logic input
levels.
Overvoltage Protection
Proper power-supply sequencing is recommended for
all CMOS devices. It is important not to exceed the
absolute maximum ratings, because stresses beyond
those listed may cause permanent damage to the
devices. Always sequence V+ on first, followed by VL,
V-, and logic inputs. If power-supply sequencing is not
possible, protect the devices from overvoltage by
adding two small signal diodes in series with the supply
pins (Figure 1). Adding the diodes reduces the analog
signal range to 1V below V+ and 1V below V-, but low
switch resistance and low leakage characteristics are
unaffected. Device operation is unchanged, and the
difference between V+ to V- should not exceed +44V.
Precision, Quad, SPST Analog Switches
_______________________________________________________________________________________
7
V+
COM_
V-
NO_
Vg
Figure 1. Overvoltage Protection Using Blocking Diodes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com